Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12X21 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HT12X21
Description  TFT-LCD PRODUCT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HT12X21 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HT12X21 Datasheet HTML 3Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 4Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 5Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 6Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 7Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 8Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 9Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 10Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PRODUCT GROUP
REV.
ISSUE DATE
TFT-LCD PRODUCT
A
2003.07.22
PAGE
SPEC. NUMBER
S864-1148
SPEC. TITLE
HT12X21-100 Product Specification
7
OF
22
B3-002-O (3/3)
A4 (210 X 297)
4.0 OPTICAL SPECIFICATIONS
The measurement shall be executed after 30 minutes warm-up period.
Measuring equipment: TOPCON-BM5.
[VDD=3.3V, Frame rate=60Hz, Clock=65MHz, IBL = 5.0mA, Ta = 25±2 ]
Parameter
Symbol Condition
Min
Typ
Max
Unit
Remark
È 3
80
Deg
Horizontal
È 9
80
Deg
È 12
80
-
Deg
Viewing
Angle
Vertical
È 6
CR > 10
80
-
Deg
Note 1
Luminance contrast ratio
CR
-
450
-
Note 2
Luminance of white
YL
150
-
cd/m
2
Note 3
White luminance uniformity
ÄY
-
-
1.4
Note 4
xW
0.275
0.305
0.335
White
yW
0.300
0.330
0.360
xR
0.543
0.573
0.603
Red
yR
0.303
0.333
0.363
xG
0.278
0.308
0.338
Green
yG
0.507
0.537
0.567
xB
0.120
0.150
0.180
Color Cord.
Blue
yB
0.108
0.138
0.168
Note 5
Color Reproduction
40
%
Response time
Ttotal
(Tr + Td)
Ttotal
-
35
40
msec
Note 6
Cross talk
CT
È = 0
°
(Center)
Normal
Viewing
Angle
-
-
2.0
%
Note 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com