Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12X21 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # HT12X21
Description  TFT-LCD PRODUCT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HT12X21 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button HT12X21 Datasheet HTML 6Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 7Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 8Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 9Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 10Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 11Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 12Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 13Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
PRODUCT GROUP
REV.
ISSUE DATE
TFT-LCD PRODUCT
A
2003.07.22
PAGE
SPEC. NUMBER
S864-1148
SPEC. TITLE
HT12X21-100 Product Specification
10
OF
22
B3-002-O (3/3)
A4 (210 X 297)
5.2 Back-light Interface
CN2
Connector
: HV-2S-C1 (JAE) or equivalent
User side connector
: HV-2P-HF (JAE) or equivalent
Pin No
INPUT
Function
1
HOT
High voltage
2
COLD
Ground
5.3 LVDS Interface
LVDS Transmitter: THC63LVDM83A or equivalent.
Transmitter
Interface
DF19L-14P-1H
Input
signal
Pin No
Pin No
System (Tx)
TFT-LCD (Rx)
Pin No.
Remark
R0
51
R1
52
R2
54
R3
55
R4
56
R5
3
G0
4
48
47
OUT0-
OUT0+
IN0-
IN0+
5
6
G1
6
G2
7
G3
11
G4
12
G5
14
B0
15
B1
19
46
45
OUT1-
OUT1+
IN1-
IN1+
7
8
B2
20
B3
22
B4
23
B5
24
HSYNC
27
VSYNC
28
DE
30
42
41
OUT2-
OUT2+
IN2-
IN2+
9
10
MCLK
31
40
CLKOUT-
CLKIN-
11
39
CLKOUT+
CLKIN+
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com