Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12X21 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # HT12X21
Description  TFT-LCD PRODUCT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HT12X21 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button HT12X21 Datasheet HTML 14Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 15Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 16Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 17Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 18Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 19Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 20Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 21Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
PRODUCT GROUP
REV.
ISSUE DATE
TFT-LCD PRODUCT
A
2003.07.22
PAGE
SPEC. NUMBER
S864-1148
SPEC. TITLE
HT12X21-100 Product Specification
18
OF
22
B3-002-O (3/3)
A4 (210 X 297)
12.0 HANDLING & CAUTIONS
12.1 Cautions when taking out the module
Ÿ Pick the pouch only, when taking out module from a shipping package.
12.2 Cautions for handling the module
Ÿ As the electrostatic discharges may break the LCD module, handle the LCD module with care.
Peel a protection sheet off from the LCD panel surface as slowly as possible.
Ÿ As the LCD panel and backlight element are made from fragile glass material, impulse and
pressure to the LCD module should be avoided.
Ÿ As the surface of the polarizer is very soft and easily scratched, use a soft dry cloth without
chemicals for cleaning.
Ÿ Do not pull the interface connector in or out while the LCD module is operating.
Ÿ Put the module display side down on a flat horizontal plane.
Ÿ Handle connectors and cables with care.
12.3 Cautions for the operation
Ÿ When the module is operating, do not lose MCLK, DE signals. If any one of these signals
were lost, the LCD panel would be damaged.
Ÿ Obey the supply voltage sequence. If wrong sequence were applied, the module would be
damaged.
12.4 Cautions for the atmosphere
Ÿ Dewdrop atmosphere should be avoided.
Ÿ Do not store and/or operate the LCD module in a high temperature and/or humidity
atmosphere. Storage in an electro-conductive polymer-packing pouch and under relatively low
temperature atmosphere is recommended.
12.5 Cautions for the module characteristics
Ÿ Do not apply fixed pattern data signal to the LCD module at product aging.
Ÿ Applying fixed pattern for a long time may cause image sticking.
12.6 Other cautions
Ÿ Do not disassemble and/or re-assemble LCD module.
Ÿ Do not re-adjust variable resistor or switch etc.
Ÿ When returning the module for repair or etc, please pack the module not to be broken. We
recommend using the original shipping packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com