Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12X21 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # HT12X21
Description  TFT-LCD PRODUCT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HT12X21 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button HT12X21 Datasheet HTML 7Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 8Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 9Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 10Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 11Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 12Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 13Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 14Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
PRODUCT GROUP
REV.
ISSUE DATE
TFT-LCD PRODUCT
A
2003.07.22
PAGE
SPEC. NUMBER
S864-1148
SPEC. TITLE
HT12X21-100 Product Specification
11
OF
22
B3-002-O (3/3)
A4 (210 X 297)
5.4 Data Input Format
R G B R G B
R G B R G B
1 Pixel = 3 Dots
R G B
R G B R G B
R G B R G B
Display position of input data
6.0 SIGNAL TIMING SPECIFICATIONS
6.1 The 12.1”XGA LCM is operated by the only DE (Data enable) mode (LVDS Transmitter Input)
Item
Symbols
Min
Typ
Max
Unit
Frequency
1/Tc
-
65
80
MHz
High Time
Tch
4.5
-
-
ns
Clock
Low Time
Tcl
4.5
-
-
ns
Setup Time
Tds
2.7
-
-
ns
Data
Hold Time
Tdh
0
-
-
ns
Data Enable Setup Time
Tes
2.7
-
-
ns
Frame Period
Tv
772
806
1022
lines
Vertical Display Period
Tvd
768
768
768
lines
One Line Scanning Period
Th
1100
1344
2046
clocks
Horizontal Display Period
Thd
1024
1024
1024
clocks
(1,1)
(2,1)
(1023,1) (1024,1)
(1,768)
(2,768)
(1023,768) (1024,768)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com