Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2133B Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATSAM2133B
Description  Low-power Synthesizer with Effects and Built-in RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2133B Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATSAM2133B Datasheet HTML 3Page - ATMEL Corporation ATSAM2133B Datasheet HTML 4Page - ATMEL Corporation ATSAM2133B Datasheet HTML 5Page - ATMEL Corporation ATSAM2133B Datasheet HTML 6Page - ATMEL Corporation ATSAM2133B Datasheet HTML 7Page - ATMEL Corporation ATSAM2133B Datasheet HTML 8Page - ATMEL Corporation ATSAM2133B Datasheet HTML 9Page - ATMEL Corporation ATSAM2133B Datasheet HTML 10Page - ATMEL Corporation ATSAM2133B Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
ATSAM2133B
2694A–DRMSD–05/03
Table 2. Pinout by Pin Number - 100-lead TQFP Package
Pin Number
Signal Name
Pin Number
Signal Name
Pin Number
Signal Name
Pin Number
Signal Name
1
IRQ
26
WA2
51
WA21
76
GND
2CS
27
WA3
52
WA22
77
PWRIN
3RD
28
WA4
53
WCS
78
PWROUT
4WR
29
WA5
54
WOE
79
PDWN
5
A0
30
VC3
55
WWE
80
GND
6D0
31
GND
56
GND
81
X1
7
D1
32
WA6
57
VC3
82
X2
8D2
33
WA7
58
WD0
83
VC2
9D3
34
WA8
59
WD1
84
GND
10
GND
35
WA9
60
WD2
85
LFT
11
VC2
36
GND
61
WD3
86
VC2
12
D4
37
VC2
62
WD4
87
VC2
13
D5
38
WA10
63
WD5
88
CKOUT
14
D6
39
WA11
64
WD6
89
DBACK
15
D7
40
WA12
65
WD7
90
DBCLK
16
GND
41WA13
66WD8
91
DBDATA
17
VC3
42
WA14
67
WD9
92
DABD1
18
P0
43
WA15
68
GND
93
DABD0
19
P1
44
VC3
69
VC3
94
CLBD
20
P2
45
GND
70
WD10
95
WSBD
21
P3
46
WA16
71
WD11
96
GND
22
RESET
47
WA17
72
WD12
97
VC3
23
TEST
48
WA18
73
WD13
98
DAAD
24
WA0
49WA19
74WD14
99
MIDI OUT
25
WA1
50WA20
75WD15
100
MIDI IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com