Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2133B Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATSAM2133B
Description  Low-power Synthesizer with Effects and Built-in RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2133B Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATSAM2133B Datasheet HTML 8Page - ATMEL Corporation ATSAM2133B Datasheet HTML 9Page - ATMEL Corporation ATSAM2133B Datasheet HTML 10Page - ATMEL Corporation ATSAM2133B Datasheet HTML 11Page - ATMEL Corporation ATSAM2133B Datasheet HTML 12Page - ATMEL Corporation ATSAM2133B Datasheet HTML 13Page - ATMEL Corporation ATSAM2133B Datasheet HTML 14Page - ATMEL Corporation ATSAM2133B Datasheet HTML 15Page - ATMEL Corporation ATSAM2133B Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
ATSAM2133B
2694A–DRMSD–05/03
Timings
All timing conditions: V
C2 = 2.5V, VC3 = 3.3V, tA = 25°C, all outputs except X2 and LFT
load capacitance = 30 pF.
All timings refer to t
CK, the internal master clock period.
The internal master clock frequency is four times the frequency at pin X1. Therefore t
CK
= t
XTAL/4.
The sampling rate is given by 1/(t
CK x 1024). The maximum crystal frequency/clock fre-
quency at X1 is 12.288 MHz (48 kHz sampling rate).
Crystal Frequency
Selection
There is a trade-off between the crystal frequency and the support of widely-available
external ROM/Flash components. Table 8 gives information on selecting the best fit for
a given application.
Using 11.2896 MHz crystal frequency allows the use of widely-available ROMs with 100
ns access time while providing state-of-the-art 44.1 kHz sampling rate.
Table 8. Crystal Frequency Selection Parameters
Sample Rate (KHz)
Crystal
(MHz)
t
CK
(ns)
ROM t
A
(ns)
Comments
48
12.288
20.35
92
Maximum frequency
44.1
11.2896
22.14
101
Recommended for current designs
37.5
9.60
26.04
120
31.25
8.00
31.25
146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com