Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2133B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATSAM2133B
Description  Low-power Synthesizer with Effects and Built-in RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2133B Datasheet(HTML) 2 Page - ATMEL Corporation

  ATSAM2133B Datasheet HTML 1Page - ATMEL Corporation ATSAM2133B Datasheet HTML 2Page - ATMEL Corporation ATSAM2133B Datasheet HTML 3Page - ATMEL Corporation ATSAM2133B Datasheet HTML 4Page - ATMEL Corporation ATSAM2133B Datasheet HTML 5Page - ATMEL Corporation ATSAM2133B Datasheet HTML 6Page - ATMEL Corporation ATSAM2133B Datasheet HTML 7Page - ATMEL Corporation ATSAM2133B Datasheet HTML 8Page - ATMEL Corporation ATSAM2133B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
ATSAM2133B
2694A–DRMSD–05/03
Typical Applications
Figure 1. Portable Telephone
Figure 2. Low-cost Karaoke, Hand-held Karaoke
Figure 3. Low-cost Keyboard Instrument
General MIDI-compliant Wavetable Synthesis
Parallel or Serial Interface
Reverb + Chorus
Surround
Four-band Parametric Equalizer
Audio-in Effects (Codec required)
ATSAM2133B
CleanWave
ROM
DAC or
Codec
General MIDI-compliant Synthesis
Sound Extensions (CleanWave 32)
Compatible Reverb + Chorus
MIDI Serial or 8-bit Parallel Interface
Surround Effect
Four-channel Surround (Requires Extra DAC)
Four-band Equalizer
Microphone Echo
ATSAM2133B
CleanWave
ROM
Codec
General MIDI-compliant Synthesis
Sound Extensions (CleanWave 32)
Compatible Reverb + Chorus
MIDI Serial or 8-bit Parallel Interface
Surround Effect
Four-band Parametric Equalizer
ATSAM2133B
CleanWave
ROM
DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com