Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2133B Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATSAM2133B
Description  Low-power Synthesizer with Effects and Built-in RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2133B Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATSAM2133B Datasheet HTML 5Page - ATMEL Corporation ATSAM2133B Datasheet HTML 6Page - ATMEL Corporation ATSAM2133B Datasheet HTML 7Page - ATMEL Corporation ATSAM2133B Datasheet HTML 8Page - ATMEL Corporation ATSAM2133B Datasheet HTML 9Page - ATMEL Corporation ATSAM2133B Datasheet HTML 10Page - ATMEL Corporation ATSAM2133B Datasheet HTML 11Page - ATMEL Corporation ATSAM2133B Datasheet HTML 12Page - ATMEL Corporation ATSAM2133B Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
ATSAM2133B
2694A–DRMSD–05/03
WA0 - 22
J2, K1, K2, K3, J4,
J3, K4, H5, G6, K5,
F6, J6, K6, G7, J7,
K7, K8, H8, K9, J9,
K10, J10, H10
OUT
External memory address (ROM/FLASH). Up to 16 Mega bytes.
WD0 - 15
F8, E7, F10, F9,
E8, E6, E9, E10,
D7, D9, C9, C10,
C8, B10, B9, A10
I/O
External ROM/FLASH data
WCS
G9
OUT
External ROM/FLASH chip select, active low.
WWE
G8
OUT
External FLASH write enable, active low.
WOE
H9
OUT
External ROM/FLASH output enable, active low.
LFT
A6
ANA
PLL low pass filter. Should be connected to an external RC network.
TEST
J1
IN
Test pin. Should be returned to GND.
PDWN
B8
IN
Power down, active low, all outputs except WCS, WWE, WOE are set to logic 0, the
PLL and crystal oscillator are stopped. If the power switch feature is used, then 2.5V
supply voltage is removed from the core. To exit from power down, PDWN must be set
to V
C2, then RESET applied. When unused this pin must be connected to VC2.
Table 3. Pin by Function - 100-ball LFBGA Package (Continued)
Pin Name
Pin Number
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com