Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2133B Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATSAM2133B
Description  Low-power Synthesizer with Effects and Built-in RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2133B Datasheet(HTML) 3 Page - ATMEL Corporation

  ATSAM2133B Datasheet HTML 1Page - ATMEL Corporation ATSAM2133B Datasheet HTML 2Page - ATMEL Corporation ATSAM2133B Datasheet HTML 3Page - ATMEL Corporation ATSAM2133B Datasheet HTML 4Page - ATMEL Corporation ATSAM2133B Datasheet HTML 5Page - ATMEL Corporation ATSAM2133B Datasheet HTML 6Page - ATMEL Corporation ATSAM2133B Datasheet HTML 7Page - ATMEL Corporation ATSAM2133B Datasheet HTML 8Page - ATMEL Corporation ATSAM2133B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
ATSAM2133B
2694A–DRMSD–05/03
General Description
Block Diagram
Synthesis/DSP Engine
The synthesis/DSP engine operates on a frame timing basis with the frame subdivided
into 64 process slots. Each process is, in turn, divided into 16 micro-instructions known
as algorithms. Up to 32 synthesis/DSP algorithms can be stored on-chip in the Alg RAM
memory, allowing the device to be programmed for a number of audio signal genera-
tion/processing applications. The synthesis/DSP engine is capable of generating 64
simultaneous voices using algorithms such as wavetable synthesis with interpolation,
alternate loop and 24 dB resonant filtering for each voice. Slots may be linked together
(ML RAM) to allow implementation of more complex synthesis algorithms.
A typical application will use half the capacity of the synthesis/DSP engine for synthesis,
thus providing state-of-the-art 32-voice wavetable polyphony. The remaining processing
power will be used for typical functions such as reverberation, chorus, audio-in process-
ing, surround effect, equalizer, etc.
Frequently-accessed synthesis/DSP parameter data are stored in five banks of on-chip
RAM memory. Sample data or delay lines, which are accessed relatively infrequently,
are stored in external ROM or internal 32K x 16 RAM memory. The combination of local-
ized micro-program memory and localized parameter data allows micro-instructions to
execute in 20 ns (50 MIPS). Separate buses from each of the on-chip parameter RAM
memory banks allow highly parallel data movement to increase the effectiveness of
each micro-instruction. With this architecture, a single micro-instruction can accomplish
up to six simultaneous operations (add, multiply, load, store, etc.), providing a potential
throughput of 300 million operations per second (MOPS).
ATSAM2133B
P16 Processor
16-bit CISC
Processor Core
includes
256 x 16 Data RAM
Synthesis/DSP
64-slot RISC DSP Core
includes
512 x 32 Alg RAM
128 x 28 MA1 RAM
256 x 28 MA2 RAM
256 x 28 MB RAM
256 x 16 MX RAM
256 x 12 MY RAM
64 x 13 ML RAM
32K x 16 RAM
MMU
Memory
Management
Unit
ROM
Debug/Flash Prog
I/O Functions
includes
Control/Status
MIDI UART
Timers
Codec Data I/F
Host I/F FIFO
MIDI
MPU
Debug/Flash
Prog
ROM
or
Flash
Codec + DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com