Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2133B Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATSAM2133B
Description  Low-power Synthesizer with Effects and Built-in RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2133B Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATSAM2133B Datasheet HTML 13Page - ATMEL Corporation ATSAM2133B Datasheet HTML 14Page - ATMEL Corporation ATSAM2133B Datasheet HTML 15Page - ATMEL Corporation ATSAM2133B Datasheet HTML 16Page - ATMEL Corporation ATSAM2133B Datasheet HTML 17Page - ATMEL Corporation ATSAM2133B Datasheet HTML 18Page - ATMEL Corporation ATSAM2133B Datasheet HTML 19Page - ATMEL Corporation ATSAM2133B Datasheet HTML 20Page - ATMEL Corporation ATSAM2133B Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17
ATSAM2133B
2694A–DRMSD–05/03
Reset and Power-
down
During power-up, the RESET input should be held low until the crystal oscillator and
PLL are stabilized. This can take about 20 ms.
After the low-to-high transition of RESET, the following occurs:
•
Synthesis/DSP enters an idle state
•
P16 program execution starts from address 0100H in ROM space (WCS low)
If PDWN is asserted low, then the crystal oscillator and PLL are stopped. If the power
switch is used, then the chip enters a deep power-down sleep mode, as power is
removed from the core. To exit power down, PDWN must be asserted high, then
RESET applied.
Power-down mode is managed by an internal power switch. The equivalent schematic
and standard connection is shown on the diagram below.
All the VC2 pins must be connected to PWROUT.
Figure 10. Schematic
Note:
High level for PDWN is VC2 = 2.5V ±10%.
Figure 11. PDWN Connection
VC2 Source from
Power Supply
ATSAM2133B
VC2
VC2
VC2
VC2
VC2
VC2
PDWN = L: Power-down Mode (Internal Power Switch Open)
PDWN = H: Operating Mode (Internal Power Switch Closed)
ATSAM2133B
VC2
HOST
PDWN
Control
(High level = 3.3V)
VC3
3.3V
10 kOhm
PDWN
VC3
3.3V
PWRIN
2.5V
PWROUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com