Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2133B Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATSAM2133B
Description  Low-power Synthesizer with Effects and Built-in RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2133B Datasheet(HTML) 5 Page - ATMEL Corporation

  ATSAM2133B Datasheet HTML 1Page - ATMEL Corporation ATSAM2133B Datasheet HTML 2Page - ATMEL Corporation ATSAM2133B Datasheet HTML 3Page - ATMEL Corporation ATSAM2133B Datasheet HTML 4Page - ATMEL Corporation ATSAM2133B Datasheet HTML 5Page - ATMEL Corporation ATSAM2133B Datasheet HTML 6Page - ATMEL Corporation ATSAM2133B Datasheet HTML 7Page - ATMEL Corporation ATSAM2133B Datasheet HTML 8Page - ATMEL Corporation ATSAM2133B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
ATSAM2133B
2694A–DRMSD–05/03
Pin Description
100-lead TQFP Package
Table 1. Pin by Function - 100-lead TQFP Package
Pin Name
Pin Number
Type
Function
GND
10, 16, 31, 36,
45, 56, 68, 76,
80, 84, 96
PWR
Power ground - all GND pins should be returned to digital ground.
VC2
11, 37, 83, 86,
87
PWR
Core power +2.5V ±10%. All V
C2 pins should be returned to +2.5V. If the built-in power
switch is used for minimum power down consumption, then all these pins should be
connected to PWROUT, the output of the built-in power switch.
VC3
17, 30, 44, 57,
69, 97
PWR
Periphery power +2.25V to 3.7V. All V
C3 pins should be returned to nominal +3.3V. VC3
should not be lower than V
C2.
PWRIN
77
PWR
Power switch input, 2.25V to 2.95V. Even if the power switch feature is not used, this pin
must be connected to nominal 2.5V.
PWROUT
78
PWR
Power switch output. Use this pin to supply 2.5V core power by connecting it to all V
C2 pins.
D0 - D7
6-9, 12-15
I/O
8-bit data bus to host processor. Information on these pins is parallel MIDI (MPU-401 type
applications)
CS
2
IN
Chip select from host, active low.
WR
4
IN
Write from host, active low.
RD
3
IN
Read from host, active low.
A0
5
IN
Selects MPU-401 internal registers:
0 = data registers (read/write)
1 = status register (read) control register (write)
IRQ
1
TSOUT
Tri-state output pin, active high.
RESET
22
IN
Master reset input, active low.
X1, X2
81, 82
-
Crystal connection. Crystal frequency should be Fs*256 (typ 11.2896 MHz). Crystal
frequency is internally multiplied by 4 to provide the IC master clock. An external 11.2896
MHz clock can also be used on X1 (2.5V
PP max through 47pF capacitor). X2 cannot be
used to drive external ICs; use CKOUT instead.
CKOUT
88
OUT
Buffered X2 output, can be used to drive external DAC master clock (256 * Fs)
DABD0 -1
93, 92
OUT
Two stereo serial audio data output (4 audio channels). Each output holds 64 bits (2 x 32)
of serial data per frame. Audio data has up to 20 bits precision. DABD0 can hold additional
control data (mute, A/D gain, D/A gain, etc.)
CLBD
94
OUT
Audio data bit clock, provides timing to DABD0 - 1, DAAD.
WSBD
95
OUT
Audio data word select. The timing of WSBD can be selected to be I2S or Japanese
compatible.
DAAD
98
IN
Stereo serial audio data input.
P0 - P3
18 - 21
I/O
General-purpose programmable I/O pins.
DBCLK
90
IN
Debug clock. Should be connected to V
C3 under normal operation. If DBCLK is found low
just after RESET, then the internal ROM debugger/flash programmer is started.
DBDATA
91
I/O
Debug data. Allows serial communication for debug/flash programming.
DBACK
89
OUT
Debug acknowledge. Toggled each time a bit is received/sent on DBDATA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com