Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2133B Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATSAM2133B
Description  Low-power Synthesizer with Effects and Built-in RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2133B Datasheet(HTML) 4 Page - ATMEL Corporation

  ATSAM2133B Datasheet HTML 1Page - ATMEL Corporation ATSAM2133B Datasheet HTML 2Page - ATMEL Corporation ATSAM2133B Datasheet HTML 3Page - ATMEL Corporation ATSAM2133B Datasheet HTML 4Page - ATMEL Corporation ATSAM2133B Datasheet HTML 5Page - ATMEL Corporation ATSAM2133B Datasheet HTML 6Page - ATMEL Corporation ATSAM2133B Datasheet HTML 7Page - ATMEL Corporation ATSAM2133B Datasheet HTML 8Page - ATMEL Corporation ATSAM2133B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
ATSAM2133B
2694A–DRMSD–05/03
P16 Control Processor
and I/O Functions
The P16 control processor is a general-purpose 16-bit CISC processor core that runs
from external memory. It includes 256 words of local RAM data memory.
The P16 control processor writes to the parameter RAM blocks within the synthe-
sis/DSP core in order to control the synthesis process. In a typical application, the P16
control processor parses and interprets incoming commands from the MIDI UART or
from the MPU-401 interface and then controls the Synthesis/DSP by writing into the
parameter RAM banks in the DSP core. Slowly-changing synthesis functions, such as
LFOs, are implemented in the P16 control processor by periodically updating the DSP
parameter RAM variables.
The P16 control processor interfaces with other peripheral devices, such as the system
control and status registers, the on-chip MIDI UART, the on-chip timers and the MPU-
401 interface through specialized intelligent peripheral I/O logic. This I/O logic auto-
mates many of the system I/O transfers to minimize the amount of overhead processing
required from the P16.
The MPU-401 interface is implemented using one address line (A0), a chip select signal,
read and write strobes from the host and an 8-bit data bus (D0 - D7).
Karaoke and keyboard applications can take advantage of the 8-bit MPU-401 interface
to communicate with the ATSAM2133B at high speed, with the MIDI IN and MIDI OUT
signals remaining available.
Memory Management
Unit (MMU)
The Memory Management Unit (MMU) block allows external ROM/Flash and/or internal
32K x 16 RAM memory resources to be shared between the synthesis/DSP and the P16
control processor. This allows a single device (i.e., internal RAM) to serve as delay lines
for the synthesis/DSP and as data memory for the P16 control processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com