Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2133B Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATSAM2133B
Description  Low-power Synthesizer with Effects and Built-in RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2133B Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATSAM2133B Datasheet HTML 14Page - ATMEL Corporation ATSAM2133B Datasheet HTML 15Page - ATMEL Corporation ATSAM2133B Datasheet HTML 16Page - ATMEL Corporation ATSAM2133B Datasheet HTML 17Page - ATMEL Corporation ATSAM2133B Datasheet HTML 18Page - ATMEL Corporation ATSAM2133B Datasheet HTML 19Page - ATMEL Corporation ATSAM2133B Datasheet HTML 20Page - ATMEL Corporation ATSAM2133B Datasheet HTML 21Page - ATMEL Corporation ATSAM2133B Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18
ATSAM2133B
2694A–DRMSD–05/03
Recommended Board
Layout
Like all HCMOS high integration ICs, the following simple rules of board layout are man-
datory for reliable operation:
•
GND, VC3, VC2 Distribution and Decouplings
All GND, VC3, VC2 pins should be connected. A GND plane is strongly recommended
below the ATSAM2133B. The board GND + VC3 distribution should be in grid form.
Recommended VC2 decoupling is 0.1 µF at each corner of the IC with an additional 10
µF decoupling close to the crystal. VC3 requires a single 0.1uF decoupling.
•
Crystal, LFT
The paths between the crystal, the crystal compensation capacitors, the LFT filter R-C-
R and the ATSAM2133B should be short and shielded. The ground return from the com-
pensation capacitors and LFT filter should be the GND plane from ATSAM2133B.
•
Buses
Parallel layout between D0 - D7 and WA0 - WA21/WD0 - WD15 should be avoided. The
D0 - D7 bus is an asynchronous type bus. Even on short distances, it can induce pulses
on WA0 - WA21/WD0 - WD15 that can corrupt address and/or data on these buses.
A ground plane should be implemented below the D0 - D7 bus, which is connected to
the host and to the ATSAM2133B GND.
A ground plane should be implemented below the WA0 - WA21/WD0 - WD15 bus,
which is connected to the ROM/Flash grounds and to the ATSAM2133B.
•
Analog Section
A specific AGND ground plane should be provided, which is connected to the GND
ground by a single trace. No digital signals should cross the AGND plane.
Refer to the Codec vendor recommended layout for correct implementation of the ana-
log section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com