Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2133B Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATSAM2133B
Description  Low-power Synthesizer with Effects and Built-in RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2133B Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATSAM2133B Datasheet HTML 2Page - ATMEL Corporation ATSAM2133B Datasheet HTML 3Page - ATMEL Corporation ATSAM2133B Datasheet HTML 4Page - ATMEL Corporation ATSAM2133B Datasheet HTML 5Page - ATMEL Corporation ATSAM2133B Datasheet HTML 6Page - ATMEL Corporation ATSAM2133B Datasheet HTML 7Page - ATMEL Corporation ATSAM2133B Datasheet HTML 8Page - ATMEL Corporation ATSAM2133B Datasheet HTML 9Page - ATMEL Corporation ATSAM2133B Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
ATSAM2133B
2694A–DRMSD–05/03
MIDI IN
100
IN
MIDI IN input
MIDI OUT
99
OUT
MIDI OUT output
WA0 - 22
24 - 29,
32 - 35,
38 - 43, 46 - 52
OUT
External memory address (ROM/Flash). Up to 16 MB.
WD0 - 15
58 - 67, 70 - 75
I/O
External ROM/FLASH data
WCS
53
OUT
External ROM/FLASH chip select, active low.
WWE
55
OUT
External FLASH write enable, active low.
WOE
54
OUT
External ROM/FLASH output enable, active low.
LFT
85
ANA
PLL low-pass filter, should be connected to an external RC network.
TEST
23
IN
Test pin, should be returned to GND.
PDWN
79
IN
Power down, active low, all outputs except WCS, WWE, WOE are set to logic 0, the PLL
and crystal oscillator are stopped. If the power switch feature is used, then 2.5V supply
voltage is removed from the core. To exit from power down, PDWN must be set to V
C2, then
RESET applied. When unused, this pin must be connected to V
C2.
Table 1. Pin by Function - 100-lead TQFP Package (Continued)
Pin Name
Pin Number
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com