Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2133B Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATSAM2133B
Description  Low-power Synthesizer with Effects and Built-in RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2133B Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATSAM2133B Datasheet HTML 11Page - ATMEL Corporation ATSAM2133B Datasheet HTML 12Page - ATMEL Corporation ATSAM2133B Datasheet HTML 13Page - ATMEL Corporation ATSAM2133B Datasheet HTML 14Page - ATMEL Corporation ATSAM2133B Datasheet HTML 15Page - ATMEL Corporation ATSAM2133B Datasheet HTML 16Page - ATMEL Corporation ATSAM2133B Datasheet HTML 17Page - ATMEL Corporation ATSAM2133B Datasheet HTML 18Page - ATMEL Corporation ATSAM2133B Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15
ATSAM2133B
2694A–DRMSD–05/03
Figure 7. External Flash Write Cycle
Table 11. External Flash Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
t
WC
Write cycle time
5 * t
CK
-6 * t
CK
ns
t
CSWE
Write enable low from CS or Address
or WOE
2 * t
CK - 10
-
-
ns
t
WP
Write pulse width
-
4 * t
CK
-ns
t
DW
Data out setup time
4 * t
CK - 10
-
-
ns
t
DH
Data out hold time
10
-
-
ns
tWC
tCSWE
tWP
tDW
tDH
WA0 - WA21
WD0 - WD15
WCS1
WWE
WOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com