Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2133B Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATSAM2133B
Description  Low-power Synthesizer with Effects and Built-in RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2133B Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATSAM2133B Datasheet HTML 10Page - ATMEL Corporation ATSAM2133B Datasheet HTML 11Page - ATMEL Corporation ATSAM2133B Datasheet HTML 12Page - ATMEL Corporation ATSAM2133B Datasheet HTML 13Page - ATMEL Corporation ATSAM2133B Datasheet HTML 14Page - ATMEL Corporation ATSAM2133B Datasheet HTML 15Page - ATMEL Corporation ATSAM2133B Datasheet HTML 16Page - ATMEL Corporation ATSAM2133B Datasheet HTML 17Page - ATMEL Corporation ATSAM2133B Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
ATSAM2133B
2694A–DRMSD–05/03
External ROM/Flash
Figure 6. ROM/Flash Read Cycle
Table 10. External ROM/Flash Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
t
RC
Read cycle time
5 * t
CK
-6 * t
CK
ns
t
CSOE
Chip select low/address valid to WOE
low
2 * t
CK - 5
-
3 * t
CK + 5
ns
t
POE
Output enable pulse width
-
3 * t
CK
-ns
t
ACE
Chip select/address access time
5 * t
CK - 5
-
-
ns
t
OE
Output enable access time
3 * t
CK - 5
-
-
ns
t
DE
Chip select or WOE high to input data
Hi-Z
0-
2 * t
CK - 5
ns
tRC
tCSOE
tPOE
tACE
tOE
tDE
WA0 - WA21
WD0 - WD15
WCS0
WOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com