Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4321 Datasheet(PDF) 7 Page - Analog Devices

Part # SSM4321
Description  Mono 2.9 W Class-D Audio Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4321 Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM4321 Datasheet HTML 3Page - Analog Devices SSM4321 Datasheet HTML 4Page - Analog Devices SSM4321 Datasheet HTML 5Page - Analog Devices SSM4321 Datasheet HTML 6Page - Analog Devices SSM4321 Datasheet HTML 7Page - Analog Devices SSM4321 Datasheet HTML 8Page - Analog Devices SSM4321 Datasheet HTML 9Page - Analog Devices SSM4321 Datasheet HTML 10Page - Analog Devices SSM4321 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
SSM4321
Rev. 0 | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
1
A
B
C
D
2
3
4
BALL A1
INDICATOR
OUT+
SENSE+
SENSE–
SDATAO/
PDM_DATA
PVDD
GND
IOVDD
BCLK_TDM/
PDM_CLK/
LRCLK_I2S
VREG
GND
IN+
IN–
OUT–
GAIN
SLOT
FSYNC_TDM/
BCLK_I2S
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
OUT+
Noninverting Output.
A2
OUT−
Inverting Output.
A3
PVDD
Amplifier Power Supply.
A4
VREG
Internal LDO Regulator Output.
B1
SENSE+
Current Sense Positive Input.
B2
GAIN
Gain Control Pin.
B3, B4
GND
Ground.
C1
SENSE−
Current Sense Negative Input.
C2
SLOT
TDM Slot Selection Input.
C3
IOVDD
Input/Output Digital Power Supply.
C4
IN+
Noninverting Input.
D1
SDATAO/PDM_DATA
TDM Serial Data Output/PDM Data Output.
D2
FSYNC_TDM/BCLK_I2S
TDM Frame Synchronization Input/I2S Bit Clock Input.
D3
BCLK_TDM/PDM_CLK/
LRCLK_I2S
TDM Bit Clock Input/PDM Clock Input/I2S LRCLK Input.
D4
IN−
Inverting Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com