Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4321 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM4321
Description  Mono 2.9 W Class-D Audio Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4321 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM4321 Datasheet HTML 6Page - Analog Devices SSM4321 Datasheet HTML 7Page - Analog Devices SSM4321 Datasheet HTML 8Page - Analog Devices SSM4321 Datasheet HTML 9Page - Analog Devices SSM4321 Datasheet HTML 10Page - Analog Devices SSM4321 Datasheet HTML 11Page - Analog Devices SSM4321 Datasheet HTML 12Page - Analog Devices SSM4321 Datasheet HTML 13Page - Analog Devices SSM4321 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SSM4321
Data Sheet
Rev. 0 | Page 10 of 24
5.0
4.8
4.6
4.4
4.2
4.0
3.8
3.6
3.4
3.2
3.0
2.5
5.0
4.0
4.5
3.5
3.0
SUPPLY VOLTAGE (V)
NO LOAD
RL = 4Ω
RL = 8Ω
Figure 15. Quiescent Current vs. PVDD Supply Voltage, ADC Sense Enabled
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
2.5
5.0
4.0
4.5
3.5
3.0
SUPPLY VOLTAGE (V)
NO LOAD
RL = 4Ω
RL = 8Ω
Figure 16. Quiescent Current vs. PVDD Supply Voltage, ADC Sense Disabled
2.0
1.5
1.0
0.5
0
2.5
5.0
4.0
4.5
3.5
3.0
SUPPLY VOLTAGE (V)
THD + N = 1%
THD + N = 10%
RL = 8Ω + 33µH
Figure 17. Maximum Output Power vs. PVDD Supply Voltage, RL = 8 Ω
3.0
2.5
2.0
1.0
1.5
0.5
0
2.5
5.0
4.0
4.5
3.5
3.0
SUPPLY VOLTAGE (V)
THD + N = 1%
THD + N = 10%
RL = 4Ω + 15µH
Figure 18. Maximum Output Power vs. PVDD Supply Voltage, RL = 4 Ω
4.0
3.5
3.0
2.5
2.0
1.0
1.5
0.5
0
2.5
5.0
4.0
4.5
3.5
3.0
SUPPLY VOLTAGE (V)
THD + N = 1%
THD + N = 10%
RL = 3Ω + 7.5µH
Figure 19. Maximum Output Power vs. PVDD Supply Voltage, RL = 3 Ω
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
3.0
1.5
2.0
2.5
1.0
0.5
OUTPUT POWER (W)
RL = 8Ω + 33µH
PVDD = 2.5V
PVDD = 3.6V
PVDD = 5.0V
Figure 20. Supply Current vs. Output Power into 8 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com