Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4321 Datasheet(PDF) 19 Page - Analog Devices

Part # SSM4321
Description  Mono 2.9 W Class-D Audio Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4321 Datasheet(HTML) 19 Page - Analog Devices

Back Button SSM4321 Datasheet HTML 15Page - Analog Devices SSM4321 Datasheet HTML 16Page - Analog Devices SSM4321 Datasheet HTML 17Page - Analog Devices SSM4321 Datasheet HTML 18Page - Analog Devices SSM4321 Datasheet HTML 19Page - Analog Devices SSM4321 Datasheet HTML 20Page - Analog Devices SSM4321 Datasheet HTML 21Page - Analog Devices SSM4321 Datasheet HTML 22Page - Analog Devices SSM4321 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
SSM4321
Rev. 0 | Page 19 of 24
I2S and Left Justified Modes with Voltage and Current Output Only, 64 × fS
I2S output mode: SLOT pin is tied to IOVDD (or tied to GND through a 47 kΩ resistor for low power operation at 64 × fS).
Left justified output mode: SLOT pin is open.
BCLK_I2S
LRCLK_I2S
SDATAO I2S
SDATAO LJ
64 BCLKs
VOLTAGE
VOLTAGE
16 BCLKs
16 BCLKs
CURRENT
CURRENT
16 BCLKs
16 BCLKs
Figure 43. I2S and Left Justified Modes with Voltage and Current Output Only, 64 × fS
I2S Low Power Mode with Voltage and Current Output Only, 32 × fS
SLOT pin is tied to GND through a 47 kΩ resistor for low power operation at 32 × fS.
VOLTAGE
CURRENT
32 BCLKs
16 BCLKs
16 BCLKs
BCLK_I2S
LRCLK_I2S
SDATAO I2S
Figure 44. I2S Low Power Mode with Voltage and Current Output Only, 32 × fS
TIMING DIAGRAMS, MULTICHIP I2S MODE
Multichip I2S Mode with Two Devices on the Bus
IC 1: SLOT pin is tied to IOVDD; IC 2: SLOT pin is open.
ID
CURRENT, IC 1
PVDD, IC 1
VOLTAGE, IC 1
ID
CURRENT, IC 2
PVDD, IC 2
VOLTAGE, IC 2
16 BCLKs
8 BCLKs
16 BCLKs
4 BCLKs
16 BCLKs
8 BCLKs
16 BCLKs
4 BCLKs
64 BCLKs
BCLK_TDM
FSYNC_TDM
SDATAO
Figure 45. Multichip I2S Mode with Two Devices on the Bus
Multichip I2S Mode with Three or Four Devices on the Bus
IC 1: SLOT pin is tied to IOVDD; IC 2: SLOT pin is open; IC 3: SLOT pin is tied to GND; IC 4: SLOT pin is tied to IOVDD through a
47 kΩ resistor.
ID
CURRENT, IC 1
PVDD, IC 1
VOLTAGE, IC 1
ID
CURRENT, IC 2
PVDD, IC 2
VOLTAGE, IC 2
16 BCLKs
8 BCLKs
16 BCLKs
4 BCLKs
16 BCLKs
8 BCLKs
16 BCLKs
4 BCLKs
64 BCLKs
BCLK_TDM
FSYNC_TDM
SDATAO
BCLK_TDM
FSYNC_TDM
SDATAO
ID
CURRENT, IC 3
PVDD, IC 3
VOLTAGE, IC 3
ID
CURRENT, IC 4
PVDD, IC 4
VOLTAGE, IC 4
16 BCLKs
8 BCLKs
16 BCLKs
4 BCLKs
16 BCLKs
8 BCLKs
16 BCLKs
4 BCLKs
Figure 46. Multichip I2S Mode with Three or Four Devices on the Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com