Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4321 Datasheet(PDF) 17 Page - Analog Devices

Part # SSM4321
Description  Mono 2.9 W Class-D Audio Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4321 Datasheet(HTML) 17 Page - Analog Devices

Back Button SSM4321 Datasheet HTML 13Page - Analog Devices SSM4321 Datasheet HTML 14Page - Analog Devices SSM4321 Datasheet HTML 15Page - Analog Devices SSM4321 Datasheet HTML 16Page - Analog Devices SSM4321 Datasheet HTML 17Page - Analog Devices SSM4321 Datasheet HTML 18Page - Analog Devices SSM4321 Datasheet HTML 19Page - Analog Devices SSM4321 Datasheet HTML 20Page - Analog Devices SSM4321 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
SSM4321
Rev. 0 | Page 17 of 24
MULTICHIP I2S OPERATING MODE
A special multichip I2S mode is enabled when the part is wired
for TDM mode (BCLK and FSYNC not reversed) but the FSYNC
signal has a 50% duty cycle. If the FSYNC signal consists of one-
clock-cycle pulses, TDM operating mode is active instead.
The multichip I2S interface allows multiple chips to drive a single
I2S bus. Each chip takes control of the bus every two or four frames
(depending on the number of chips placed on the bus), allowing
a maximum of four chips on the bus. The SLOT pin assignments
determine the order of control. (See the Timing Diagrams,
Multichip I2S Mode section.)
Each frame also contains a 1-bit ID code, which is appended to
the current data in the frame. This code indicates the chip that
sent the data for that frame. Table 11 provides the mapping of
SLOT pin assignments to ID code.
Table 11. Multichip I2S Slot Selection
Chip No.
ID Code
SLOT Pin Configuration
1
0001
Tie to IOVDD
2
0010
Open
3
0100
Tie to GND
4
1000
Tie to IOVDD through a 47 kΩ resistor
The part is automatically configured for two-chip or four-chip
operation, depending on the number of chips detected on the bus.
The part starts up in four-chip operation, but after it detects that
Slot 3 and Slot 4 are unused, the part switches to two-chip oper-
ation. For two-chip operation, the first and second slots must be
used. If there are three chips on the bus, Slot 1 must be used along
with any two other slots.
Table 12 lists the FSYNC and BCLK rates that are supported in
multichip I2S mode.
Table 12. FSYNC and BCLK Rates in Multichip I2S Mode,
fS = 16 kHz to 48 kHz
Valid Slots
FSYNC Rate
BCLK Rate
1 and 2
2 × f
S
(32 kHz to 96 kHz)
128 × f
S
(2.048 MHz to 6.144 MHz)
1, 2, 3, 4
4 × f
S
(64 kHz to 128 kHz)
256 × f
S
(4.096 MHz to 12.288 MHz)
PDM OUTPUT MODE
By connecting the SLOT pin to GND through a 47 kΩ resistor,
the 1-bit PDM data from the ADCs can be output directly. In
PDM mode, a 1 MHz to 6.144 MHz clock must be provided on
Ball D3 (BCLK_TDM/PDM_CLK/LRCLK_I2S). PDM data is
sent on both edges of the clock and is output on Ball D1 (SDATAO/
PDM_DATA). (See the Timing Diagrams, PDM Mode section.)
In PDM mode, Ball D2 (FSYNC_TDM/BCLK_I2S) is used to
select the information that is output on the two possible channels
(see Table 13).
Table 13. FSYNC_TDM Pin Settings for PDM Mode
Output Data
FSYNC_TDM Pin
Current data on rising edge;
voltage data on falling edge
Tie to IOVDD
Current data on rising edge;
PVDD data on falling edge
Tie to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com