Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4321 Datasheet(PDF) 15 Page - Analog Devices

Part # SSM4321
Description  Mono 2.9 W Class-D Audio Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4321 Datasheet(HTML) 15 Page - Analog Devices

Back Button SSM4321 Datasheet HTML 11Page - Analog Devices SSM4321 Datasheet HTML 12Page - Analog Devices SSM4321 Datasheet HTML 13Page - Analog Devices SSM4321 Datasheet HTML 14Page - Analog Devices SSM4321 Datasheet HTML 15Page - Analog Devices SSM4321 Datasheet HTML 16Page - Analog Devices SSM4321 Datasheet HTML 17Page - Analog Devices SSM4321 Datasheet HTML 18Page - Analog Devices SSM4321 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
SSM4321
Rev. 0 | Page 15 of 24
EMI NOISE
The SSM4321 uses a proprietary modulation and spread-spectrum
technology to minimize EMI emissions from the device. For
applications that have difficulty passing FCC Class B emission tests
or experience antenna and RF sensitivity problems, the ultralow
EMI architecture of the SSM4321 significantly reduces the radiated
emissions at the Class-D outputs, particularly above 100 MHz.
EMI emission tests on the SSM4321 were performed in an FCC-
certified EMI laboratory with a 1 kHz input signal, producing
0.5 W of output power into an 8 Ω load from a 5.0 V supply. The
SSM4321 passed FCC Class B limits with 50 cm of unshielded
twisted pair speaker cable. Note that reducing the power supply
voltage greatly reduces radiated emissions.
OUTPUT CURRENT SENSING
The SSM4321 uses an external sense resistor to determine the
output current flowing to the load. As shown in Figure 1, one end
of the sense resistor is tied to one amplifier output pin (OUT+);
the other end of the sense resistor is tied to the load, which is also
connected to one sense input pin (SENSE−).
The voltage across the sense resistor is proportional to the load
current and is sent to an analog-to-digital converter (ADC) run-
ning nominally at 128 fS. The output of this ADC is downsampled
using digital filtering. The downsampled signal is output at a rate
of 8 kHz to 48 kHz on Slot 1 of the TDM bus. The 16-bit data is
in signed fractional format.
The current sense output is scaled so that an output current of
0.75 A (6 V/8 Ω) with a 200 mΩ sense resistor results in full-scale
output from the ADC. Table 7 lists the optimal sense resistor
values for commonly used output loads.
Table 7. Optimal Sense Resistor for Typical Loads
Load Value (Ω)
Peak Current (A)
Sense Resistor (mΩ)
8
0.75
200
4
1.5
100
3
2
75
OUTPUT VOLTAGE SENSING
The output voltage level is monitored and sent to an ADC
running nominally at 128 fS. The output of this ADC is down-
sampled using digital filtering. The downsampled signal is
output at a rate of 8 kHz to 48 kHz on Slot 2 of the TDM bus.
The 16-bit data is in signed fractional format.
PVDD SENSING
The SSM4321 contains an 8-bit ADC that measures the voltage
of the PVDD supply in real time. The output of the ADC is in
8-bit unsigned format and is presented on the 8 MSBs of Slot 3
on the TDM bus. The eight LSBs are driven low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com