Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4321 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM4321
Description  Mono 2.9 W Class-D Audio Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4321 Datasheet(HTML) 3 Page - Analog Devices

  SSM4321 Datasheet HTML 1Page - Analog Devices SSM4321 Datasheet HTML 2Page - Analog Devices SSM4321 Datasheet HTML 3Page - Analog Devices SSM4321 Datasheet HTML 4Page - Analog Devices SSM4321 Datasheet HTML 5Page - Analog Devices SSM4321 Datasheet HTML 6Page - Analog Devices SSM4321 Datasheet HTML 7Page - Analog Devices SSM4321 Datasheet HTML 8Page - Analog Devices SSM4321 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
SSM4321
Rev. 0 | Page 3 of 24
FUNCTIONAL BLOCK DIAGRAM
SENSE–
OUT+
OUT–
SENSE+
VREG
IOVDD
GND
GAIN
PVDD
IN+
IN–
SLOT
BCLK_TDM/PDM_CLK/LRCLK_I2S
FSYNC_TDM/BCLK_I2S
SDATAO/PDM_DATA
TDM
OUTPUT
PVDD
ADC
Σ-Δ
ADC
Σ-Δ
ADC
Σ-Δ
CLASS-D
MODULATOR
FULL-BRIDGE
POWER
STAGE
VOLTAGE
SENSE
CURRENT
SENSE
DIGITAL
DECIMATION
FILTERING
1.42V TO 3.6V
2.5V TO 5.5V
SSM4321
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com