Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4321 Datasheet(PDF) 16 Page - Analog Devices

Part # SSM4321
Description  Mono 2.9 W Class-D Audio Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4321 Datasheet(HTML) 16 Page - Analog Devices

Back Button SSM4321 Datasheet HTML 12Page - Analog Devices SSM4321 Datasheet HTML 13Page - Analog Devices SSM4321 Datasheet HTML 14Page - Analog Devices SSM4321 Datasheet HTML 15Page - Analog Devices SSM4321 Datasheet HTML 16Page - Analog Devices SSM4321 Datasheet HTML 17Page - Analog Devices SSM4321 Datasheet HTML 18Page - Analog Devices SSM4321 Datasheet HTML 19Page - Analog Devices SSM4321 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
SSM4321
Data Sheet
Rev. 0 | Page 16 of 24
SERIAL DATA INPUT/OUTPUT
The SSM4321 includes circuitry to sense output current, output
voltage, and the PVDD supply voltage. The output current, output
voltage, and PVDD voltage are sent to ADCs. The output of these
ADCs is available on the TDM or I2S output serial port. A direct
PDM bit stream of voltage and current data (or current and PVDD
data) can also be selected.
TDM OPERATING MODE
The digitized output current, output voltage, and PVDD sense
signals can be output on a TDM serial port. This serial port is
always a slave and requires a bit clock (BCLK) and a frame
synchronization signal (FSYNC) to operate. The output data is
driven on the SDATAO/PDM_DATA pin at the IOVDD voltage.
(See the Timing Diagrams, TDM Mode section.)
The FSYNC signal operates at the desired sample rate. A rising
edge of the FSYNC signal indicates the start of a new frame. For
proper operation, this signal should be one BCLK cycle wide,
transitioning on a falling BCLK edge. The MSB of the Slot 1 data
is output on the SDATAO/PDM_DATA pin one BCLK cycle later.
The SDATAO signal should be latched on a rising edge of BCLK.
Each slot is 64 BCLK cycles wide.
The SSM4321 can drive only four slots on its output, but it can
work with 8 slots, 12 slots, or 16 slots. In this way, up to four
SSM4321 devices can use the same TDM bus. At startup, the
number of slots used is recognized automatically by the number
of BCLK cycles between FSYNC pulses. Internal clocking is
automatically generated from BCLK based on the determined
BCLK rate.
The set of four TDM slots to be driven is determined by the
configuration of the SLOT pin on the SSM4321 (see Table 8).
The value of the SLOT pin must be stable at startup.
Table 8. TDM Slot Selection
Device Setting
SLOT Pin Configuration
TDM Slot 1 to Slot 4 used
Tie to IOVDD
TDM Slot 5 to Slot 8 used
Open
TDM Slot 9 to Slot 12 used
Tie to GND
TDM Slot 13 to Slot 16 used
Tie to IOVDD through a 47 kΩ resistor
The SSM4321 sets the SDATAO/PDM_DATA pin to a high
impedance state when a slot is present that is not being driven.
Connect a pull-down resistor to the SDATAO/PDM_DATA pin
so that it is always in a known state.
With a single SSM4321 operating with four slots, Slot 1 is for
the output current, Slot 2 is for the output voltage, Slot 3 is for
the PVDD supply, and Slot 4 is not driven. With more than four
slots, this pattern is repeated. Table 9 shows an example with
three SSM4321 devices and 12 TDM slots.
Table 9. TDM Output Slot Example—Three SSM4321 Devices
TDM Slot
Data Present
1
Output current, Device 1
2
Output voltage, Device 1
3
PVDD voltage, Device 1
4
High-Z
5
Output current, Device 2
6
Output voltage, Device 2
7
PVDD voltage, Device 2
8
High-Z
9
Output current, Device 3
10
Output voltage, Device 3
11
PVDD voltage, Device 3
12
High-Z
I2S AND LEFT JUSTIFIED OPERATING MODE
An I2S or left justified output interface can be selected by reversing
the pin connections for BCLK and FSYNC; that is, the I2S LRCLK
is connected to Ball D3 (BCLK_TDM/PDM_CLK/LRCLK_I2S),
and the I2S BCLK is connected to Ball D2 (FSYNC_TDM/
BCLK_I2S).
The I2S interface requires 64 BCLK cycles per LRCLK cycle. The
voltage information is sent when LRCLK is low, and the current
information is sent when LRCLK is high. (See the Timing
Diagrams, I2S and Left Justified Modes section.)
The SLOT pin configures the I2S or left justified output as follows
(see Table 10).
•
Selection of I2S or left justified mode.
•
Output of PVDD sense information. When PVDD data is
output, eight bits are appended to the 16-bit voltage sense
data to create a 24-bit output. The 16 MSBs represent the
voltage data; the eight LSBs represent the PVDD data.
•
Sample rate range. The sample rate ranges from 16 kHz
to 48 kHz. A range of 32 kHz to 48 kHz is also allowed in
low power I2S mode.
Table 10. I2S and Left Justified Slot Selection
Device Setting
BCLK Setting
SLOT Pin Configuration
I2S mode at 16 kHz to 48 kHz; voltage and current data only
64 × f
S
Tie to IOVDD
Left justified mode at 16 kHz to 48 kHz; voltage and current data only
64 × f
S
Open
I2S mode at 16 kHz to 48 kHz; PVDD data appended to voltage data
64 × f
S
Tie to GND
Left justified mode at 16 kHz to 48 kHz; PVDD data appended to voltage data
64 × f
S
Tie to IOVDD through a 47 kΩ resistor
Low power I2S mode at 32 kHz to 48 kHz; voltage and current data only
32 × f
S or 64 × fS
Tie to GND through a 47 kΩ resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com