Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4321 Datasheet(PDF) 20 Page - Analog Devices

Part # SSM4321
Description  Mono 2.9 W Class-D Audio Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4321 Datasheet(HTML) 20 Page - Analog Devices

Back Button SSM4321 Datasheet HTML 16Page - Analog Devices SSM4321 Datasheet HTML 17Page - Analog Devices SSM4321 Datasheet HTML 18Page - Analog Devices SSM4321 Datasheet HTML 19Page - Analog Devices SSM4321 Datasheet HTML 20Page - Analog Devices SSM4321 Datasheet HTML 21Page - Analog Devices SSM4321 Datasheet HTML 22Page - Analog Devices SSM4321 Datasheet HTML 23Page - Analog Devices SSM4321 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
SSM4321
Data Sheet
Rev. 0 | Page 20 of 24
TIMING DIAGRAMS, PDM MODE
PDM Mode with Current and Voltage Output
SLOT pin is tied to GND through a 47 kΩ resistor; FSYNC_TDM pin is tied to IOVDD.
I
V
IVI
V
IVI
V
IV
IVI
V
IV
IVIV
IVI
PDM_CLK
FSYNC_TDM
PDM_DATA
Figure 47. PDM Mode with Current and Voltage Output
PDM Mode with Current and PVDD Output
SLOT pin is tied to GND through a 47 kΩ resistor; FSYNC_TDM pin is tied to GND.
I
PVDD
I
PVDD
I
PVDD
I
PVDD
I
PVDD
I
PVDD
I
PVDD
I
PVDD
I
PVDD
I
PVDD
I
PVDD
I
PVDD
I
PDM_CLK
FSYNC_TDM
PDM_DATA
Figure 48. PDM Mode with Current and PVDD Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com