Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4321 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM4321
Description  Mono 2.9 W Class-D Audio Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4321 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM4321 Datasheet HTML 4Page - Analog Devices SSM4321 Datasheet HTML 5Page - Analog Devices SSM4321 Datasheet HTML 6Page - Analog Devices SSM4321 Datasheet HTML 7Page - Analog Devices SSM4321 Datasheet HTML 8Page - Analog Devices SSM4321 Datasheet HTML 9Page - Analog Devices SSM4321 Datasheet HTML 10Page - Analog Devices SSM4321 Datasheet HTML 11Page - Analog Devices SSM4321 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SSM4321
Data Sheet
Rev. 0 | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
PVDD = 5.0 V, IOVDD = 1.8 V, fS = 24 kHz with I2S output, gain = 6 dB, TA = 25°C, unless otherwise noted. For RL = 8 Ω, use a 200 mΩ
V/I sense resistor; for RL = 4 Ω, use a 100 mΩ V/I sense resistor; for RL = 3 Ω, use a 75 mΩ V/I sense resistor.
100
10
1
0.1
0.01
0.001
0.001
10
1
0.1
0.01
OUTPUT POWER (W)
PVDD = 2.5V
PVDD = 3.6V
RL = 8Ω + 33µH
PVDD = 5.0V
Figure 3. THD + N vs. Output Power into 8 Ω
100
10
1
0.1
0.01
0.001
0.001
10
1
0.1
0.01
OUTPUT POWER (W)
PVDD = 2.5V
PVDD = 3.6V
RL = 4Ω + 15µH
PVDD = 5.0V
Figure 4. THD + N vs. Output Power into 4 Ω
100
10
1
0.1
0.01
0.001
0.001
10
1
0.1
0.01
OUTPUT POWER (W)
PVDD = 2.5V
PVDD = 3.6V
RL = 3Ω + 7.5µH
PVDD = 5.0V
Figure 5. THD + N vs. Output Power into 3 Ω
100
10
1
0.1
0.01
0.001
10
100k
10k
1k
100
FREQUENCY (Hz)
RL = 8Ω + 33µH
250mW
500mW
1W
Figure 6. THD + N vs. Frequency, PVDD = 5 V, RL = 8 Ω
100
10
1
0.1
0.01
0.001
10
100k
10k
1k
100
FREQUENCY (Hz)
RL = 4Ω + 15µH
500mW
2W
1W
Figure 7. THD + N vs. Frequency, PVDD = 5 V, RL = 4 Ω
100
10
1
0.1
0.01
0.001
10
100k
10k
1k
100
FREQUENCY (Hz)
RL = 3Ω + 7.5µH
2.5W
2W
1W
Figure 8. THD + N vs. Frequency, PVDD = 5 V, RL = 3 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com