Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4321 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM4321
Description  Mono 2.9 W Class-D Audio Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4321 Datasheet(HTML) 1 Page - Analog Devices

  SSM4321 Datasheet HTML 1Page - Analog Devices SSM4321 Datasheet HTML 2Page - Analog Devices SSM4321 Datasheet HTML 3Page - Analog Devices SSM4321 Datasheet HTML 4Page - Analog Devices SSM4321 Datasheet HTML 5Page - Analog Devices SSM4321 Datasheet HTML 6Page - Analog Devices SSM4321 Datasheet HTML 7Page - Analog Devices SSM4321 Datasheet HTML 8Page - Analog Devices SSM4321 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Mono 2.9 W Class-D Audio Amplifier
with Digital Current and Voltage Output
Data Sheet
SSM4321
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Filterless Class-D amplifier with spread-spectrum
Σ-Δ modulation
Digitized output of output voltage, output current,
and PVDD supply voltage
72 dB signal-to-noise ratio (SNR) on output current sensing
and 77 dB SNR on output voltage sensing
TDM or multichip I2S slave output interface
Up to 4 chips supported on a single bus
8 kHz to 48 kHz operation
I2S/left justified slave output interface
1 or 2 chips supported on a single bus
8 kHz to 48 kHz operation
PDM output interface operates from 1 MHz to 6.144 MHz
2.2 W into 4 Ω load and 1.4 W into 8 Ω load at 5.0 V supply
with <1% total harmonic distortion plus noise (THD + N)
89% efficiency at 5.0 V, 1.4 W into 8 Ω + 0.2 Ω RSENSE speaker
>100 dB signal-to-noise ratio (SNR)
High PSRR at 217 Hz: 86 dB
Amplifier supply operation from 2.5 V to 5.5 V
Input/output supply operation from 1.42 V to 3.6 V
Flexible gain adjustment pin: 0 dB to 12 dB in 3 dB steps
with fixed input impedance of 80 kΩ
<1 μA shutdown current
Smart power-down with loss of BCLK
Short-circuit and thermal protection with autorecovery
Available in a 16-ball, 0.4 mm pitch, 1.74 mm × 1.74 mm WLCSP
Pop-and-click suppression
APPLICATIONS
Mobile phones
MP3 players
Portable electronics
GENERAL DESCRIPTION
The SSM4321 is a fully integrated, high efficiency, Class-D
audio amplifier with digitized output of output voltage, output
current, and the PVDD supply voltage. It is designed to maximize
performance for mobile phone applications. The application circuit
requires a minimum of external components and operates from
a 2.5 V to 5.5 V supply for the amplifier and a 1.42 V to 3.6 V
supply for input/output. The SSM4321 is capable of delivering
2.2 W of continuous output power with <1% THD + N driving
a 4 Ω load from a 5.0 V supply with a 0.1 Ω V/I sense resistor.
The SSM4321 features a high efficiency, low noise modulation
scheme that requires no external LC output filters. The modulation
scheme provides high efficiency even at low output power. The
SSM4321 operates with 89% efficiency at 1.4 W into 8 Ω from
a 5.0 V supply with an SNR of >100 dB.
The SSM4321 includes circuitry to sense output current, output
voltage, and the PVDD supply voltage. Current sense is performed
using an external sense resistor that is connected between an
output pin and the load. The output current and voltage are sent
to ADCs with 16-bit resolution; the PVDD supply voltage is sent
to an ADC with 8-bit resolution.
The outputs of these ADCs are available on the TDM or I2S
output serial port. The SLOT pin is used to determine which of
four possible output slots is used on the TDM interface. A stereo
I2S interface can be selected by reversing the pin connections for
BCLK and FSYNC. Also, a direct PDM bit stream of voltage and
current data can be selected via the SLOT pin.
Spread-spectrum pulse density modulation (PDM) is used to
provide lower EMI-radiated emissions compared with other
Class-D architectures. The inherent randomized nature of
spread-spectrum PDM eliminates the clock intermodulation
(beating effect) of several amplifiers in close proximity.
The SSM4321 produces ultralow EMI emissions that significantly
reduce the radiated emissions at the Class-D outputs, particularly
above 100 MHz. The ultralow EMI emissions of the SSM4321 are
also helpful for antenna and RF sensitivity problems.
The device includes a highly flexible gain select pin that requires
only one series resistor to select a gain setting of 0 dB, 3 dB, 6 dB,
9 dB, or 12 dB. Input impedance is fixed at 80 kΩ, independent
of the selected gain.
The SSM4321 has a shutdown mode with a typical shutdown
current of <1 μA. Shutdown is enabled by removing the BCLK
input. A clock must be present on the BCLK pin for the part
to operate.
The device also includes pop-and-click suppression circuitry,
which minimizes voltage glitches at the output during turn-on
and turn-off, reducing audible noise on activation and deactivation.
The SSM4321 is specified over the industrial temperature range
of −40C to +85C. It has built-in thermal shutdown and output
short-circuit protection. It is available in a halide-free, 16-ball,
0.4 mm pitch, 1.74 mm × 1.74 mm wafer level chip scale package
(WLCSP).


Similar Part No. - SSM4321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSM40N03P ETC-SSM40N03P Datasheet
128Kb / 6P
N CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
SSM40N03P VBSEMI-SSM40N03P Datasheet
984Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
SSM40N20 ISC-SSM40N20 Datasheet
290Kb / 2P
isc N-Channel MOSFET Transistor
logo
Silicon Standard Corp.
SSM40P03GH SSC-SSM40P03GH Datasheet
287Kb / 5P
P-CHANNEL ENHANCEMENT-MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
SSM40P03GH VBSEMI-SSM40P03GH Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SSM4321

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672 Datasheet
184Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 02-23 February 2009
logo
Texas Instruments
TPA2051D3 TI-TPA2051D3 Datasheet
1Mb / 33P
2.9 W/Channel Mono Class-D Audio Subsystem with DirectPath??Headphone Amplifier & SpeakerGuard?
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
Cirrus Logic
CS35L01 CIRRUS-CS35L01 Datasheet
538Kb / 34P
2.9 W Mono Class-D Audio Amplifier with Low Idle Current
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
25 W mono BTL class-D audio amplifier
29-May-2009
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
List of Unclassifed Man...
NAU82011WG ETC2-NAU82011WG Datasheet
563Kb / 16P
2.9 W Mono Filter-Free Class-D Audio Amplifier
logo
Nuvoton Technology Corp...
NAU82011WG NUVOTON-NAU82011WG Datasheet
563Kb / 16P
2.9 W Mono Filter-Free Class-D Audio Amplifier
NAU82011YG NUVOTON-NAU82011YG Datasheet
469Kb / 22P
2.9 W Mono Filter-Free Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com