Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4321 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM4321
Description  Mono 2.9 W Class-D Audio Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4321 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM4321 Datasheet HTML 7Page - Analog Devices SSM4321 Datasheet HTML 8Page - Analog Devices SSM4321 Datasheet HTML 9Page - Analog Devices SSM4321 Datasheet HTML 10Page - Analog Devices SSM4321 Datasheet HTML 11Page - Analog Devices SSM4321 Datasheet HTML 12Page - Analog Devices SSM4321 Datasheet HTML 13Page - Analog Devices SSM4321 Datasheet HTML 14Page - Analog Devices SSM4321 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
SSM4321
Rev. 0 | Page 11 of 24
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
3.0
1.5
2.0
2.5
1.0
0.5
OUTPUT POWER (W)
RL = 4Ω + 15µH
PVDD = 2.5V
PVDD = 3.6V
PVDD = 5.0V
Figure 21. Supply Current vs. Output Power into 4 Ω
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
3.5
3.0
1.5
2.0
2.5
1.0
0.5
OUTPUT POWER (W)
RL = 3Ω + 7.5µH
PVDD = 2.5V
PVDD = 3.6V
PVDD = 5.0V
Figure 22. Supply Current vs. Output Power into 3 Ω
100
80
60
40
20
0
0
1.5
0.9
1.2
0.6
0.3
OUTPUT POWER (W)
RL = 8Ω + 33µH
PVDD = 2.5V
PVDD = 3.6V
PVDD = 5.0V
Figure 23. Efficiency vs. Output Power into 8 Ω
100
80
60
40
20
0
0
2.8
2.4
2.0
1.2
1.6
0.8
0.4
OUTPUT POWER (W)
RL = 4Ω + 15µH
PVDD = 2.5V
PVDD = 3.6V
PVDD = 5.0V
Figure 24. Efficiency vs. Output Power into 4 Ω
100
80
60
40
20
0
0
2.8
2.4
2.0
1.2
1.6
0.8
0.4
OUTPUT POWER (W)
RL = 3Ω + 7.5µH
PVDD = 2.5V
PVDD = 3.6V
PVDD = 5.0V
Figure 25. Efficiency vs. Output Power into 3 Ω
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100k
10k
1k
100
FREQUENCY (Hz)
RL = 8Ω + 33µH
Figure 26. Common-Mode Rejection Ratio (CMRR) vs. Frequency,
PVDD = 5 V, RL = 8 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com