Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4321 Datasheet(PDF) 18 Page - Analog Devices

Part # SSM4321
Description  Mono 2.9 W Class-D Audio Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4321 Datasheet(HTML) 18 Page - Analog Devices

Back Button SSM4321 Datasheet HTML 14Page - Analog Devices SSM4321 Datasheet HTML 15Page - Analog Devices SSM4321 Datasheet HTML 16Page - Analog Devices SSM4321 Datasheet HTML 17Page - Analog Devices SSM4321 Datasheet HTML 18Page - Analog Devices SSM4321 Datasheet HTML 19Page - Analog Devices SSM4321 Datasheet HTML 20Page - Analog Devices SSM4321 Datasheet HTML 21Page - Analog Devices SSM4321 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
SSM4321
Data Sheet
Rev. 0 | Page 18 of 24
TIMING DIAGRAMS, TDM MODE
TDM Mode, One Device
SLOT pin is tied to IOVDD.
64 BCLKs
CURRENT
VOLTAGE
16 BCLKs
PVDD
16 BCLKs
8 BCLKs
BCLK_TDM
FSYNC_TDM
SDATAO
Figure 39. TDM Mode, One Device
TDM Mode, Two Devices
IC 1: SLOT pin is tied to IOVDD; IC 2: SLOT pin is open.
BCLK_TDM
FSYNC_TDM
SDATAO
CURRENT, IC 1
VOLTAGE, IC 1
PVDD, IC 1
16 BCLKs
16 BCLKs
8 BCLKs
64 BCLKs
CURRENT, IC 2
VOLTAGE, IC 2
PVDD, IC 2
16 BCLKs
16 BCLKs
8 BCLKs
64 BCLKs
128 BCLKs
Figure 40. TDM Mode, Two Devices
TDM Mode, Three Devices
IC 1: SLOT pin is tied to IOVDD; IC 2: SLOT pin is open; IC 3: SLOT pin is tied to GND.
BCLK_TDM
FSYNC_TDM
SDATAO
CURRENT, IC 1 VOLTAGE, IC 1 PVDD, IC 1
16 BCLKs
16 BCLKs
8 BCLKs
64 BCLKs
CURRENT, IC 2 VOLTAGE, IC 2 PVDD, IC 2
16 BCLKs
16 BCLKs
8 BCLKs
64 BCLKs
192 BCLKs
64 BCLKs
CURRENT, IC 3 VOLTAGE, IC 3 PVDD, IC 3
16 BCLKs
16 BCLKs
8 BCLKs
Figure 41. TDM Mode, Three Devices
TIMING DIAGRAMS, I2S AND LEFT JUSTIFIED MODES
I2S and Left Justified Modes with Voltage, Current, and PVDD Output, 64 × fS
I2S output mode: SLOT pin is tied to GND.
Left justified output mode: SLOT pin is tied to IOVDD through a 47 kΩ resistor.
64 BCLKs
VOLTAGE
VOLTAGE
16 BCLKs
16 BCLKs
CURRENT
CURRENT
16 BCLKs
16 BCLKs
8 BCLKs
8 BCLKs
PVDD
PVDD
BCLK_I2S
LRCLK_I2S
SDATAO I2S
SDATAO LJ
Figure 42. I2S and Left Justified Modes with Voltage, Current, and PVDD Output, 64 × fS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com