Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFIC901N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # AFIC901N
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFIC901N Datasheet(HTML) 3 Page - NXP Semiconductors

  AFIC901N Datasheet HTML 1Page - NXP Semiconductors AFIC901N Datasheet HTML 2Page - NXP Semiconductors AFIC901N Datasheet HTML 3Page - NXP Semiconductors AFIC901N Datasheet HTML 4Page - NXP Semiconductors AFIC901N Datasheet HTML 5Page - NXP Semiconductors AFIC901N Datasheet HTML 6Page - NXP Semiconductors AFIC901N Datasheet HTML 7Page - NXP Semiconductors AFIC901N Datasheet HTML 8Page - NXP Semiconductors AFIC901N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AFIC901N
3
RF Device Data
Freescale Semiconductor, Inc.
Table 5. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Stage 1 -- Off Characteristics (1)
Zero Gate Voltage Drain Leakage Current
(VDS =30 Vdc, VGS =0 Vdc)
IDSS
—
—
1
Adc
Drain--Source Breakdown Voltage
(VGS =0 Vdc, ID =1 Adc)
V(BR)DSS
30
37
—
Vdc
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
—
—
500
nAdc
Stage 1 -- On Characteristics (1)
Gate Threshold Voltage
(VDS =10 Vdc, ID =6 Adc)
VGS(th)
1.8
2.2
2.6
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID =46 mAdc)
VDS(on)
—
0.24
—
Vdc
Forward Transconductance
(VDS =7.5 Vdc, ID =0.1 Adc)
gfs
—
0.096
—
S
Stage 2 -- Off Characteristics (1)
Zero Gate Voltage Drain Leakage Current
(VDS =30 Vdc, VGS =0 Vdc)
IDSS
—
—
1
Adc
Drain--Source Breakdown Voltage
(VGS =0 Vdc, ID =1 Adc)
V(BR)DSS
30
37
—
Vdc
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
—
—
500
nAdc
Stage 2 -- On Characteristics (1)
Gate Threshold Voltage
(VDS =10 Vdc, ID =25 Adc)
VGS(th)
1.7
2.1
2.5
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID = 380 mAdc)
VDS(on)
—
0.23
—
Vdc
Forward Transconductance
(VDS =7.5 Vdc, ID =1.1 Adc)
gfs
—
1.1
—
S
Functional Tests (In Freescale Narrowband Test Fixture, 50 ohm system) VDD =7.5 Vdc, IDQ1 =8 mA, IDQ2 =24 mA,
Pin = –1dBm,f= 520 MHz
Output Power
Pout
—
31.2
—
dBm
Power Gain
Gps
—
32.2
—
dB
Drain Efficiency
D
—
73.0
—
%
Table 6. Ordering Information
Device
Tape and Reel Information
Package
AFIC901NT1
T1 Suffix = 1,000 Units, 12 mm Tape Width, 7--inch Reel
QFN 4  4
1. Each side of device measured separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com