Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFIC901N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # AFIC901N
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFIC901N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button AFIC901N Datasheet HTML 5Page - NXP Semiconductors AFIC901N Datasheet HTML 6Page - NXP Semiconductors AFIC901N Datasheet HTML 7Page - NXP Semiconductors AFIC901N Datasheet HTML 8Page - NXP Semiconductors AFIC901N Datasheet HTML 9Page - NXP Semiconductors AFIC901N Datasheet HTML 10Page - NXP Semiconductors AFIC901N Datasheet HTML 11Page - NXP Semiconductors AFIC901N Datasheet HTML 12Page - NXP Semiconductors AFIC901N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AFIC901N
9
RF Device Data
Freescale Semiconductor, Inc.
350–520 MHz UHF BROADBAND REFERENCE CIRCUIT — 0.83 1.86 (2.11 cm  4.72 cm)
Figure 8. AFIC901N UHF Broadband Reference Circuit Component Layout — 350–520 MHz
R10
B1
Q1
J1
P2
P1
C6
L6
C2
R1
L7
R7
C11
C10
C5
R3
C8
R4
L3
R8
C18
R9
R11
C17
C15
C14
C13
C12
L4
L5
R6
R5
C7
C4
L1
C3
L2
C1
R2
C9
C16
Rev. 0
VG1
VG2
Table 12. AFIC901N UHF Broadband Reference Circuit Component Designations and Values — 350–520 MHz
Part
Description
Part Number
Manufacturer
B1
RF Bead
2508051107Y0
Fair-Rite
C1, C5, C7, C9, C10,
C12, C14, C18
100 pF Chip Capacitors
GQM2195C2E101GB12D
Murata
C2
10 pF Chip Capacitor
GQM2195C2E100FB12D
Murata
C3
12 pF Chip Capacitor
GQM2195C2E120FB12D
Murata
C4
1 F Chip Capacitor
GRM21BR71H105KA12L
Murata
C6, C13, C15
1000 pF Chip Capacitors
C2012X7R2E102M085AA
TDK
C8
39 pF Chip Capacitor
GQM2195C2E390GB12D
Murata
C11
4.7 pF Chip Capacitor
GQM2195C2E4R7BB12D
Murata
C16
10 F Chip Capacitor
GRM31CR61H106KA12L
Murata
C17
6.8 pF Chip Capacitor
GQM2195C2E6R8BB12D
Murata
J1
Right-Angle Breakaway Headers (3 Pins)
22-28-8360
Molex
L1, L4
120 nH Inductors
LL1608-FSLR12J
TOKO
L2
12 nH Inductor
LL1608-FSL12NJ
TOKO
L3
39 nH Inductor
LL1608-FSL39NJ
TOKO
L5
15 nH Inductor
LL1608-FSL15NJ
TOKO
L6
25 nH Inductor
0908SQ25N
Coilcraft
L7
8.1 nH Inductor
0908SQ8N1
Coilcraft
P1, P2
5.0 k Multi-turn Cermet Trimmer Potentiometer
3224W-1-502E
Bourns
Q1
RF Power LDMOS Amplifier
AFIC901NT1
Freescale
R1
51 , 1/4 W Chip Resistor
SG73P2ATTD51R0F
KOA Speer
R2, R8
15 k, 1/10 W Chip Resistors
RR1220P-153-B-T5
Susumu
R3, R9
10 k, 1/8 W Chip Resistors
CRCW080510K0FKEA
Vishay
R4
200 , 1/8 W Chip Resistor
CRCW0805200RJNEA
Vishay
R5, R7
1.2 k, 1/8 W Chip Resistors
CRCW08051K20FKEA
Vishay
R6
2.2 k, 1/8 W Chip Resistor
CRCW08052K20JNEA
Vishay
R10, R11
0 , 2.5 A Chip Resistors
CWCR08050000Z0EA
Vishay
PCB
FR4 (S--1000), 0.020, r =4.8
D75372
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com