Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFIC901N Datasheet(PDF) 7 Page - NXP Semiconductors

Part # AFIC901N
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFIC901N Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button AFIC901N Datasheet HTML 3Page - NXP Semiconductors AFIC901N Datasheet HTML 4Page - NXP Semiconductors AFIC901N Datasheet HTML 5Page - NXP Semiconductors AFIC901N Datasheet HTML 6Page - NXP Semiconductors AFIC901N Datasheet HTML 7Page - NXP Semiconductors AFIC901N Datasheet HTML 8Page - NXP Semiconductors AFIC901N Datasheet HTML 9Page - NXP Semiconductors AFIC901N Datasheet HTML 10Page - NXP Semiconductors AFIC901N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AFIC901N
7
RF Device Data
Freescale Semiconductor, Inc.
136–174 MHz VHF BROADBAND REFERENCE CIRCUIT
Zsource
Zinterstage_in
Zload
Zo =75 
f = 135 MHz
f = 175 MHz
f = 135 MHz
f = 175 MHz
Zinterstage_out
f = 135 MHz
f = 175 MHz
f = 135 MHz
f = 175 MHz
f
MHz
Zsource1
Zload1
Zsource2
Zload2
135
129.8 + j62.2
93.0 + j49.5
27.8 + j35.9
34.3 + j2.85
140
123.1 + j54.4
92.5 + j42.5
29.4 + j35.1
33.4 + j1.92
145
117.3 + j49.7
91.6 + j37.2
30.7 + j34.1
32.5 + j1.00
150
112.5 + j47.8
91.0 + j33.3
31.8 + j33.1
31.7 + j0.08
155
109.1 + j47.7
90.9 + j30.7
32.7 + j32.2
30.9 – j0.83
160
107.1 + j49.6
91.9 + j29.2
33.2 + j31.4
30.0 – j1.66
165
106.3 + j53.5
93.9 + j28.6
33.6 + j31.0
29.1 – j2.41
170
106.8 + j59.2
97.4 + j28.7
33.9 + j30.9
28.2 – j3.03
175
108.3 + j67.5
102.6 + j29.4
34.1 + j31.1
27.4 – j3.49
Zsource = Test circuit impedance as measured from gate to gate.
Zload
= Test circuit impedance as measured from drain to drain.
Figure 7. VHF Broadband Series Equivalent Source and Load Impedance — 136--174 MHz
Input
Matching
Network
Stage 1
Interstage
Matching
Network
Zsource1
50 
50 
Stage 2
Output
Matching
Network
Zload1
Zsource2
Zload2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com