Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFIC901N Datasheet(PDF) 10 Page - NXP Semiconductors

Part # AFIC901N
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFIC901N Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button AFIC901N Datasheet HTML 6Page - NXP Semiconductors AFIC901N Datasheet HTML 7Page - NXP Semiconductors AFIC901N Datasheet HTML 8Page - NXP Semiconductors AFIC901N Datasheet HTML 9Page - NXP Semiconductors AFIC901N Datasheet HTML 10Page - NXP Semiconductors AFIC901N Datasheet HTML 11Page - NXP Semiconductors AFIC901N Datasheet HTML 12Page - NXP Semiconductors AFIC901N Datasheet HTML 13Page - NXP Semiconductors AFIC901N Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
RF Device Data
Freescale Semiconductor, Inc.
AFIC901N
TYPICAL CHARACTERISTICS — 350–520 MHz UHF BROADBAND REFERENCE CIRCUIT
1.5
VGS2, GATE--SOURCE VOLTAGE (VOLTS)
DETAIL A
2.5
2.0
0.25
0.5
0
Pin =3 dBm
VDD =7.5 V, IDQ1 =10mA,f=435 MHz
1.0
2
1.5
1.5
VGS2, GATE--SOURCE VOLTAGE (VOLTS)
Figure 9. Output Power versus Gate--Source Voltage, 2nd Stage
4.0
3.5
3.0
2.5
2.0
0.5
2.5
1
0
VDD =7.5 V, IDQ1 =10mA,f=435 MHz
Pin =0 dBm
Pin =3 dBm
Pin =0 dBm
Detail A
FREQUENCY (MHz)
23
340
29
30
28
70
60
50
40
29
26
24
32
80
31
27
25
33
32
31
30
Figure 10. Power Gain, Drain Efficiency and Output Power
versus Frequency at a Constant Input Power
D
Gps
Pout
VDD =7.5 V, Pin =3.0 dBm, lDQ1 =10 mA, lDQ2 =30 mA
360
380 400 420 440
460
480 500 520
540
D
Pin, INPUT POWER (dBm)
24
34
--8
18
30
–6
31
29
10
32
30
28
30
27
25
–4
33
20
–2
4
32
28
26
02
26
24
22
20
VDD =7.5 Vdc, lDQ1 =10 mA, lDQ2 =30 mA
Figure 11. Power Gain, Drain Efficiency and Output Power
versus Input Power and Frequency
21
23
22
40
50
60
Gps
Pout
36
35
68
70
80
520 MHz
435 MHz
350 MHz
520 MHz
435 MHz
350 MHz
520 MHz
350 MHz
435 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com