Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFIC901N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # AFIC901N
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFIC901N Datasheet(HTML) 1 Page - NXP Semiconductors

  AFIC901N Datasheet HTML 1Page - NXP Semiconductors AFIC901N Datasheet HTML 2Page - NXP Semiconductors AFIC901N Datasheet HTML 3Page - NXP Semiconductors AFIC901N Datasheet HTML 4Page - NXP Semiconductors AFIC901N Datasheet HTML 5Page - NXP Semiconductors AFIC901N Datasheet HTML 6Page - NXP Semiconductors AFIC901N Datasheet HTML 7Page - NXP Semiconductors AFIC901N Datasheet HTML 8Page - NXP Semiconductors AFIC901N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AFIC901N
1
RF Device Data
Freescale Semiconductor, Inc.
RF LDMOS Wideband Integrated
Power Amplifier
The AFIC901N is a 2--stage, high gain amplifier designed to provide a high
level of flexibility to the amplifier designer. The device is unmatched even at the
interstage, allowing performance to be optimized for any frequency in the 1.8 to
1000 MHz range. The high gain, ruggedness and wideband performance of this
device make it ideal for use as a pre--driver and driver in a wide range of
industrial, medical and communications applications.
Typical Narrowband Performance (7.5 Vdc, TA =25C, CW)
Frequency
(MHz)
Gps
(dB)
D
(%)
Pout
(dBm)
520 (1)
32.2
73.0
31.2
Typical Wideband Performance (7.5 Vdc, TA =25C, CW)
Frequency
(MHz)
Pin
(dBm)
Gps
(dB)
D
(%)
Pout
(dBm)
136–174 (2,5)
0
30.6
62.1
30.6
350–520 (3,5)
3
27.4
61.5
30.4
760–870 (4,5)
3
27.6
57.0
30.6
Load Mismatch/Ruggedness
Frequency
(MHz)
Signal Type
VSWR
Pin
(W)
Test
Voltage
Result
175 (2)
CW
> 25:1 at all
Phase Angles
3dB
Overdrive
from rated
power
9
No Device
Degradation
520 (3)
1. Measured in 520 MHz narrowband test circuit.
2. Measured in 136–174 MHz VHF broadband reference circuit.
3. Measured in 350–520 MHz UHF broadband reference circuit.
4. Measured in 760–870 MHz broadband reference circuit.
5. The values shown are the center band performance numbers across the indicated
frequency range.
Features
 Characterized for Operation from 1.8 to 1000 MHz
 Unmatched Input, Interstage and Output Allowing Wide Frequency Range
Utilization
 Integrated ESD Protection
 Same PCB Layout Can be Used for 136--174 MHz, 350--520 MHz and
760–870 MHz Designs.
 24--pin, 4 mm QFN Plastic Package
Typical Applications
 Driver for Mobile Radio Power Amplifiers
 Output Stage for Low Power Handheld Radios
 Driver for Communications and Industrial Systems
Document Number: AFIC901N
Rev. 0, 1/2016
Freescale Semiconductor
Technical Data
1.8–1000 MHz, 30 dBm, 7.5 V
AIRFAST RF LDMOS WIDEBAND
INTEGRATED POWER AMPLIFIER
AFIC901N
QFN 4  4
Figure 1. Pin Connections
Note: Exposed backside of the package is the
source terminal for the transistors.
RFin
RFout
External
Interstage Match
Figure 2. Typical Application
GND
GND
24 23
1
2
3
4
5
6
GND
N.C.
Drain B
GND
N.C.
Gate B
Drain B
Drain B
Gate B
Gate B
22 21 20 19
7 8 9 10 11 12
18
17
16
15
14
13
Stage 1
Stage 2
Stage 2
Stage 1
 Freescale Semiconductor, Inc., 2016. All rights reserved.


Similar Part No. - AFIC901N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFIC10275GN NXP-AFIC10275GN Datasheet
1,018Kb / 22P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2015
AFIC10275N NXP-AFIC10275N Datasheet
1,018Kb / 22P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2015
AFIC31025GN NXP-AFIC31025GN Datasheet
354Kb / 12P
RF LDMOS Integrated Power Amplifiers
Rev. 0, 10/2017
AFIC31025N NXP-AFIC31025N Datasheet
354Kb / 12P
RF LDMOS Integrated Power Amplifiers
Rev. 0, 10/2017
More results

Similar Description - AFIC901N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHVIC2115R2 MOTOROLA-MHVIC2115R2 Datasheet
587Kb / 8P
RF LDMOS Wideband Integrated Power Amplifier
logo
Freescale Semiconductor...
MHV5IC2215NR2 FREESCALE-MHV5IC2215NR2_07 Datasheet
829Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
MHVIC2114R2 FREESCALE-MHVIC2114R2 Datasheet
464Kb / 9P
RF LDMOS Wideband Integrated Power Amplifier
MHVIC2115R2 FREESCALE-MHVIC2115R2 Datasheet
394Kb / 9P
RF LDMOS Wideband Integrated Power Amplifier
MW4IC001MR4 FREESCALE-MW4IC001MR4_06 Datasheet
662Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
MD8IC970NR1 FREESCALE-MD8IC970NR1 Datasheet
407Kb / 14P
RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
MHV5IC2215N NXP-MHV5IC2215N Datasheet
904Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 3, 1/2007
MHVIC915NR2 NXP-MHVIC915NR2 Datasheet
556Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 9, 5/2006
MW4IC001MR4 NXP-MW4IC001MR4 Datasheet
670Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 4, 5/2006
MW7IC915N NXP-MW7IC915N Datasheet
672Kb / 17P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 2, 12/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com