Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFIC901N Datasheet(PDF) 12 Page - NXP Semiconductors

Part # AFIC901N
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFIC901N Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button AFIC901N Datasheet HTML 8Page - NXP Semiconductors AFIC901N Datasheet HTML 9Page - NXP Semiconductors AFIC901N Datasheet HTML 10Page - NXP Semiconductors AFIC901N Datasheet HTML 11Page - NXP Semiconductors AFIC901N Datasheet HTML 12Page - NXP Semiconductors AFIC901N Datasheet HTML 13Page - NXP Semiconductors AFIC901N Datasheet HTML 14Page - NXP Semiconductors AFIC901N Datasheet HTML 15Page - NXP Semiconductors AFIC901N Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
RF Device Data
Freescale Semiconductor, Inc.
AFIC901N
520 MHz NARROWBAND TEST FIXTURE
Table 13. 520 MHz Narrowband Performance VDD =7.5 Vdc, IDQ1 =8 mA, IDQ2 =24 mA, Pin = –1dBm,f= 520 MHz
Characteristic
Symbol
Min
Typ
Max
Unit
Output Power
Pout
—
32.2
—
dBm
Power Gain
Gps
—
31.2
—
dB
Drain Efficiency
D
—
73.0
—
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com