Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFIC901N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # AFIC901N
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFIC901N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button AFIC901N Datasheet HTML 2Page - NXP Semiconductors AFIC901N Datasheet HTML 3Page - NXP Semiconductors AFIC901N Datasheet HTML 4Page - NXP Semiconductors AFIC901N Datasheet HTML 5Page - NXP Semiconductors AFIC901N Datasheet HTML 6Page - NXP Semiconductors AFIC901N Datasheet HTML 7Page - NXP Semiconductors AFIC901N Datasheet HTML 8Page - NXP Semiconductors AFIC901N Datasheet HTML 9Page - NXP Semiconductors AFIC901N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
AFIC901N
TYPICAL CHARACTERISTICS — 136–174 MHz VHF BROADBAND REFERENCE CIRCUIT
175
135
Gps
FREQUENCY (MHz)
Figure 4. Power Gain, Drain Efficiency and Output Power
versus Frequency at a Constant Input Power
160
155
150
145
140
28
D
33
32
27
34
31
30
165
170
32
28
29
26
30
31
29
60
80
70
50
40
35
Pout
VDD =7.5 V, Pin =0 dBm, IDQ1 =10 mA, IDQ2 =30 mA
2
1.5
1.5
VGS2, GATE--SOURCE VOLTAGE (VOLTS)
Figure 5. Output Power versus Gate--Source Voltage, 2nd Stage
4.0
3.5
3.0
2.5
2.0
0.5
2.5
1
0
VDD =7.5 V, IDQ1 =10mA,f=155 MHz
Pin =0 dBm
Pin =–3 dBm
1.5
VGS2, GATE--SOURCE VOLTAGE (VOLTS)
Detail A
2.5
2.0
0.25
0.5
0
VDD =7.5 V, IDQ1 =10mA,f=155 MHz
Detail A
Pin =–3 dBm
Pin =0 dBm
D
Pin, INPUT POWER (dBm)
26
36
–8
20
50
–6
33
31
30
20
32
30
32
29
27
–4
35
40
–2
4
34
30
28
02
28
26
24
22
VDD =7.5 Vdc, lDQ1 =10 mA, lDQ2 =30 mA
Figure 6. Power Gain, Drain Efficiency and Output Power
versus Input Power and Frequency
23
25
24
60
70
80
Gps
Pout
175 MHz
135 MHz
155 MHz 175 MHz
135 MHz
175 MHz
135 MHz
155 MHz
155 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com