Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFIC901N Datasheet(PDF) 14 Page - NXP Semiconductors

Part # AFIC901N
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFIC901N Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button AFIC901N Datasheet HTML 10Page - NXP Semiconductors AFIC901N Datasheet HTML 11Page - NXP Semiconductors AFIC901N Datasheet HTML 12Page - NXP Semiconductors AFIC901N Datasheet HTML 13Page - NXP Semiconductors AFIC901N Datasheet HTML 14Page - NXP Semiconductors AFIC901N Datasheet HTML 15Page - NXP Semiconductors AFIC901N Datasheet HTML 16Page - NXP Semiconductors AFIC901N Datasheet HTML 17Page - NXP Semiconductors AFIC901N Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
RF Device Data
Freescale Semiconductor, Inc.
AFIC901N
TYPICAL CHARACTERISTICS — 520 MHz NARROWBAND TEST FIXTURE
0
03
1
2.5
2
VGS2’, GATE--SOURCE VOLTAGE (VOLTS)
Figure 14. Output Power versus Gate--Source
Voltage, 2nd Stage
24
5
Pin =0 dBm
1
0.5
1.5
Pin =–3 dBm
D
30
5
--13
Gps
Pin, INPUT POWER (dBm)
Figure 15. Power Gain, Drain Efficiency and Output Power
versus Input Power
--3
--5
--7
–9
--11
15
33
32
27
25
34
31
13
35
28
29
26
25
30
20
Pout
50
90
70
30
10
VDD =7.5 Vdc, IDQ1 =8 mA,IDQ2 =24mA,f=520 MHz
--1
7
VDD =7.5 Vdc,f=520 MHz, VGS1 =3 Vdc
f
MHz
Zsource1
Zload1
Zsource2
Zload2
520
50.3 + j30.9
84.4 + j93.6
3.5 + j17.8
12.3 + j11.4
Zsource = Test circuit impedance as measured from gate to gate.
Zload
= Test circuit impedance as measured from drain to drain.
Figure 16. Narrowband Series Equivalent Source and Load Impedance — 520 MHz
Input
Matching
Network
Stage 1
Interstage
Matching
Network
Zsource1
50 
50 
Stage 2
Output
Matching
Network
Zload1
Zsource2
Zload2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com