Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFIC901N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # AFIC901N
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFIC901N Datasheet(HTML) 5 Page - NXP Semiconductors

  AFIC901N Datasheet HTML 1Page - NXP Semiconductors AFIC901N Datasheet HTML 2Page - NXP Semiconductors AFIC901N Datasheet HTML 3Page - NXP Semiconductors AFIC901N Datasheet HTML 4Page - NXP Semiconductors AFIC901N Datasheet HTML 5Page - NXP Semiconductors AFIC901N Datasheet HTML 6Page - NXP Semiconductors AFIC901N Datasheet HTML 7Page - NXP Semiconductors AFIC901N Datasheet HTML 8Page - NXP Semiconductors AFIC901N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AFIC901N
5
RF Device Data
Freescale Semiconductor, Inc.
136–174 MHz VHF BROADBAND REFERENCE CIRCUIT — 0.83 1.86 (2.11 cm  4.72 cm)
Figure 3. AFIC901N VHF Broadband Reference Circuit Component Layout — 136–174 MHz
C1
L1
C2
C3
C6
R4
R5
L4
L3
C11 C12
C13 C14
C16
R10
R8
C17
R7
L2
R2
C4
C9
C10
C8
R6
L6
L5
C5
P1
P2
C15
J1
Q1
B1
R9
R1
R3
C7
Rev. 0
VG1
VG2
Table 9. AFIC901N VHF Broadband Reference Circuit Component Designations and Values — 136–174 MHz
Part
Description
Part Number
Manufacturer
B1
RF Bead
2508051107Y0
Fair-Rite
C1, C5, C9, C12, C14,
C17
1000 pF Chip Capacitors
C2012X7R2E102M085AA
TDK
C2, C16
15 pF Chip Capacitors
GQM2195C2E150FB12D
Murata
C3
1 F Chip Capacitor
GRM21BR71H105KA12L
Murata
C4, C6, C7, C8, C11,
C13
100 pF Chip Capacitors
GQM2195C2E101GB12D
Murata
C10
6.2 pF Chip Capacitor
GQM2195C2E6R2BB12D
Murata
C15
10 F Chip Capacitor
GRM31CR61H106KA12L
Murata
J1
Right-Angle Breakaway Headers (3 Pins)
22-28-8360
Molex
L1, L4
56 nH Inductors
LL1608-FSL56NJ
TOKO
L2
180 nH Inductor
LL1608-FSLR18J
TOKO
L3
120 nH Inductor
LL1608-FSLR12J
TOKO
L5
180 nH Inductor
1008CS-181XJLB
Coilcraft
L6
15.7 nH Inductor
0806SQ15N
Coilcraft
P1, P2
5.0 k Multi-turn Cermet Trimmer Potentiometer
3224W-1-502E
Bourns
Q1
RF Power LDMOS Amplifier
AFIC901NT1
Freescale
R1, R7
15 k, 1/10 W Chip Resistors
RR1220P-153-B-T5
Susumu
R2, R8
10 k, 1/8 W Chip Resistors
CRCW080510K0FKEA
Vishay
R3
200 , 1/8 W Chip Resistor
CRCW0805200RJNEA
Vishay
R4, R6
1.2 k, 1/8 W Chip Resistors
CRCW08051K20FKEA
Vishay
R5
510 , 1/10 W Chip Resistor
RR1220P-511-B-T5
Susumu
R9, R10
0 , 2.5 A Chip Resistors
CWCR08050000Z0EA
Vishay
PCB
FR4 (S--1000), 0.020, r =4.8
D75372
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com