Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFIC901N Datasheet(PDF) 11 Page - NXP Semiconductors

Part # AFIC901N
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFIC901N Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button AFIC901N Datasheet HTML 7Page - NXP Semiconductors AFIC901N Datasheet HTML 8Page - NXP Semiconductors AFIC901N Datasheet HTML 9Page - NXP Semiconductors AFIC901N Datasheet HTML 10Page - NXP Semiconductors AFIC901N Datasheet HTML 11Page - NXP Semiconductors AFIC901N Datasheet HTML 12Page - NXP Semiconductors AFIC901N Datasheet HTML 13Page - NXP Semiconductors AFIC901N Datasheet HTML 14Page - NXP Semiconductors AFIC901N Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AFIC901N
11
RF Device Data
Freescale Semiconductor, Inc.
350–520 MHz UHF BROADBAND REFERENCE CIRCUIT
Zsource
Zinterstage_in
Zload
Zo =75 
Zinterstage_out
f = 350 MHz
f = 520 MHz
f = 350 MHz
f = 520 MHz
f = 350 MHz
f = 520 MHz
f = 350 MHz
f = 520 MHz
f
MHz
Zsource1
Zload1
Zsource2
Zload2
350
57.4 + j77.2
60.5 – j16.5
36.3 + j5.69
22.0 + j6.12
360
60.6 + j94.9
62.7 – j20.6
37.2 + j6.57
21.7 + j6.35
370
69.0 + j100.2
65.1 – j24.8
38.3 + j8.07
21.5 + j6.92
380
79.2 + j105.3
66.5 – j29.4
39.4 + j9.66
21.2 + j7.57
390
91.5 + j109.9
65.1 – j30.7
39.2 + j11.6
20.3 + j8.45
400
106.3 + j113.5
65.3 – j28.6
38.6 + j14.6
19.4 + j9.81
410
124.0 + j115.1
65.3 – j26.2
38.0 + j17.3
18.6 + j11.0
420
144.6 + j113.6
64.3 – j23.4
37.3 + j19.2
17.8 + j11.9
430
167.9 + j107.3
62.6 – j21.0
36.7 + j20.1
17.2 + j12.5
440
192.4 + j94.1
60.6 – j19.3
36.7 + j20.3
16.9 + j12.7
450
196.1 + j89.7
58.9 – j18.6
36.8 + j20.4
16.7 + j12.6
460
197.5 + j86.7
57.6 – j19.1
36.8 + j20.5
16.6 + j12.2
470
198.8 + j83.7
56.8 – j20.8
36.8 + j20.6
16.5 + j11.7
480
199.9 + j80.6
56.3 – j23.7
36.8 + j20.7
16.3 + j11.3
490
201.0 + j77.5
55.8 – j27.6
36.9 + j20.8
15.9 + j11.1
500
202.0 + j74.3
54.9 – j32.3
36.9 + j20.9
15.5 + j11.2
510
202.8 + j71.2
53.4 – j36.9
36.9 + j21.0
15.0 + j11.7
520
206.6 + j70.1
51.5 – j40.8
37.7 + j23.5
14.6 + j12.5
Zsource = Test circuit impedance as measured from gate to gate.
Zload
= Test circuit impedance as measured from drain to drain.
Figure 12. UHF Broadband Series Equivalent Source and Load Impedance — 350--520 MHz
Input
Matching
Network
Stage 1
Interstage
Matching
Network
Zsource1
50 
50 
Stage 2
Output
Matching
Network
Zload1
Zsource2
Zload2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com