Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFIC901N Datasheet(PDF) 13 Page - NXP Semiconductors

Part # AFIC901N
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFIC901N Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button AFIC901N Datasheet HTML 9Page - NXP Semiconductors AFIC901N Datasheet HTML 10Page - NXP Semiconductors AFIC901N Datasheet HTML 11Page - NXP Semiconductors AFIC901N Datasheet HTML 12Page - NXP Semiconductors AFIC901N Datasheet HTML 13Page - NXP Semiconductors AFIC901N Datasheet HTML 14Page - NXP Semiconductors AFIC901N Datasheet HTML 15Page - NXP Semiconductors AFIC901N Datasheet HTML 16Page - NXP Semiconductors AFIC901N Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AFIC901N
13
RF Device Data
Freescale Semiconductor, Inc.
520 MHz NARROWBAND TEST FIXTURE — 3 5 (7.6 cm  12.7 cm)
Figure 13. AFIC901N Narrowband Test Circuit Component Layout — 520 MHz
AFIC901N
C4
L1
C1
L2
R1
R3
C2
C3
C5
C6
L7
L8
R2
L3
L4
C7
C10
C8
C11
L5
C9
C15
C16
C17
C12
C13
C14
C18
C19
C20
C21
C22
C23
R4
D67108
Rev. 0
Table 14. AFIC901N Narrowband Test Circuit Component Designations and Values — 520 MHz
Part
Description
Part Number
Manufacturer
C1
8.2 pF Chip Capacitor
ATC600F8R2BT250XT
ATC
C2
240 pF Chip Capacitor
ATC600F241JT250XT
ATC
C3
39 pF Chip Capacitor
ATC600F390JT250XT
ATC
C4
15 pF Chip Capacitor
ATC600F150JT250XT
ATC
C5
4.7 pF Chip Capacitor
ATC600F4R7BT250XT
ATC
C6
12 pF Chip Capacitor
ATC600F120JT250XT
ATC
C7, C8, C9, C10, C11
240 pF Chip Capacitors
ATC600F241JT250XT
ATC
C12, C15
22 F, 35 V Tantalum Capacitors
T491X226K035AT
Kemet
C13, C16, C19, C22
0.1 F Chip Capacitors
C0805C104K1RACTU
Kemet
C14, C17, C18, C21
0.01 F Chip Capacitors
C0805C103K5RACTU
Kemet
C20, C23
330 F, 35 V Electrolytic Capacitors
MCGPR35V337M10X16-RH
Multicomp
L1, L7, L8
5.5 nH Inductors
0806SQ5N5
Coilcraft
L2
12.3 nH Inductor
0806SQ12N
Coilcraft
L3, L4
22 nH Inductors
0807SQ22N
Coilcraft
L5
8.9 nH Inductor
0806SQ8N9
Coilcraft
R1
8.2 , 1/3 W Chip Resistor
RL1220S-8R2-F
Susumu
R2
100 , 1/4 W Chip Resistor
CRCW1206100RFKEA
Vishay
R3
1.0 , 1/3 W Chip Resistor
RL1220S-1R0-F
Susumu
R4
75 , 1/4 W Chip Resistor
SG73P2ATTD75R0F
KOA Speer
PCB
Rogers R04350B, 0.030, r =3.66
D67108
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com