Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFIC901N Datasheet(PDF) 4 Page - NXP Semiconductors

Part # AFIC901N
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFIC901N Datasheet(HTML) 4 Page - NXP Semiconductors

  AFIC901N Datasheet HTML 1Page - NXP Semiconductors AFIC901N Datasheet HTML 2Page - NXP Semiconductors AFIC901N Datasheet HTML 3Page - NXP Semiconductors AFIC901N Datasheet HTML 4Page - NXP Semiconductors AFIC901N Datasheet HTML 5Page - NXP Semiconductors AFIC901N Datasheet HTML 6Page - NXP Semiconductors AFIC901N Datasheet HTML 7Page - NXP Semiconductors AFIC901N Datasheet HTML 8Page - NXP Semiconductors AFIC901N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
AFIC901N
136–174 MHz VHF BROADBAND REFERENCE CIRCUIT
Table 7. 136–174 MHz VHF Broadband Performance (In Freescale Reference Circuit, 50 ohm system)
VDD =7.5 Vdc, IDQ1 =10 mA, IDQ2 =30 mA
Frequency
(MHz)
Pin
(dBm)
Gps
(dB)
D
(%)
Pout
(dBm)
135
–0.8
30.8
65.9
30.0
155
–1.3
31.3
59.6
30.0
175
–1.1
31.1
61.4
30.0
Table 8. Load Mismatch/Ruggedness (In Freescale 136–174 MHz Reference Circuit, 50 ohm system) IDQ1 =10 mA, IDQ2 =30 mA
Frequency
(MHz)
Signal Type
VSWR
Pin
(W)
Test Voltage, VDD
Result
175
CW
> 25:1 at all
Phase Angles
3 dB Overdrive
from rated power
9
No Device
Degradation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com