Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC802 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LPC802
Description  32-bit ARM Cortex-M0 microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC802 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LPC802 Datasheet HTML 25Page - NXP Semiconductors LPC802 Datasheet HTML 26Page - NXP Semiconductors LPC802 Datasheet HTML 27Page - NXP Semiconductors LPC802 Datasheet HTML 28Page - NXP Semiconductors LPC802 Datasheet HTML 29Page - NXP Semiconductors LPC802 Datasheet HTML 30Page - NXP Semiconductors LPC802 Datasheet HTML 31Page - NXP Semiconductors LPC802 Datasheet HTML 32Page - NXP Semiconductors LPC802 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 83 page
background image
LPC802
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.6 — 27 April 2018
29 of 83
NXP Semiconductors
LPC802
32-bit ARM Cortex-M0+ microcontroller
Fig 14. LPC802 WKT clocking
WKT
SYSCON
system clock
SYSAHBCLKCTRL
(WKT clock enable)
FRO
PDRUNCFG
(enable FRO and FRO output
FRO_PD, FROOUT_PD)
LPOSC
PDRUNCFG
WKT registers
12 MHz
32-bit counter
COUNT
CLKSEL
SET_EXTCLK
WKTCLKIN
CTRL
div
750 kHz
1 MHz
aaa-028308
Fig 15. LPC802 FRO subsystem
set_fro_frequency() API
FRO OSCILLATOR
30/24/18 MHz
15/12/9 MHz
(default = 12 MHz)
(default = 24 MHz)
aaa-028307
Divide by 2
fro
Divide by 2
fro_div
Table 6.
Clocking diagram signal name descriptions
Name
Description
clk_in
The internal clock that comes from the main CLK_IN pin function. That function must be connected to the
pin by selecting it in the SWM block.
frg_clk
The output of the Fractional Rate Generator. The FRG and its source selection are shown in Figure 13.
fro_div
Divided output of the currently selected on-chip FRO oscillator. See Figure 15.
fro
The output of the currently selected on-chip FRO oscillator. See Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com