Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC802 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC802
Description  32-bit ARM Cortex-M0 microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC802 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC802 Datasheet HTML 1Page - NXP Semiconductors LPC802 Datasheet HTML 2Page - NXP Semiconductors LPC802 Datasheet HTML 3Page - NXP Semiconductors LPC802 Datasheet HTML 4Page - NXP Semiconductors LPC802 Datasheet HTML 5Page - NXP Semiconductors LPC802 Datasheet HTML 6Page - NXP Semiconductors LPC802 Datasheet HTML 7Page - NXP Semiconductors LPC802 Datasheet HTML 8Page - NXP Semiconductors LPC802 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 83 page
background image
LPC802
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.6 — 27 April 2018
4 of 83
NXP Semiconductors
LPC802
32-bit ARM Cortex-M0+ microcontroller
3. Applications
4. Ordering information
4.1 Ordering options
Sensor gateways
Simple motor control
Industrial
Portables and wearables
Gaming controllers
Lighting
8/16-bit applications
Motor control
Consumer
Fire and security applications
Climate control
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC802M001JDH16
TSSOP16
plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
LPC802M001JDH20
TSSOP20
plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1
LPC802M011JDH20
TSSOP20
plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1
LPC802M001JHI33
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no leads;
33 terminals; body 5
 5  0.85 mm
n/a
LPC802UK
WLCSP16
wafer level chip-size package; 16 (4
 4) bumps; 1.86 1.86  0.3 mm
SOT1393-2
Table 2.
Ordering options
Type number
LPC802M001JDH16
16
2
2
1
1
13
-
TSSOP16
LPC802M001JDH20
16
2
2
1
1
17
-
TSSOP20
LPC802M011JDH20
16
2
2
1
1
16
yes
TSSOP20
LPC802M001JHI33
16
2
2
1
1
17
-
HVQFN33
LPC802UK
16
2
2
1
1
13
-
WLCSP16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com