Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC802 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC802
Description  32-bit ARM Cortex-M0 microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC802 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC802 Datasheet HTML 2Page - NXP Semiconductors LPC802 Datasheet HTML 3Page - NXP Semiconductors LPC802 Datasheet HTML 4Page - NXP Semiconductors LPC802 Datasheet HTML 5Page - NXP Semiconductors LPC802 Datasheet HTML 6Page - NXP Semiconductors LPC802 Datasheet HTML 7Page - NXP Semiconductors LPC802 Datasheet HTML 8Page - NXP Semiconductors LPC802 Datasheet HTML 9Page - NXP Semiconductors LPC802 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 83 page
background image
LPC802
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.6 — 27 April 2018
6 of 83
NXP Semiconductors
LPC802
32-bit ARM Cortex-M0+ microcontroller
The LPC802 TSSOP16 packages have the following top-side marking:
First line: LPC802
Second line: M001J
Third line: xxxx
Fourth line: ywwx[R]
– yww: Date code with y = year and ww = week.
– xR = Boot code version and device revision.
The LPC802 WLCSP16 packages have the following top-side marking:
First line: LPC802
Second line: xxxxx
Third line: xyywwx[R]
– yyww: Date code with ww = week and yy = year.
– xR = Boot code version and device revision.
Fourth line: xxx - yyy
Table 3.
Device revision table
Revision identifier (R)
Revision description
0A
Initial device revision with Boot ROM version 13.0
1A
Initial device revision with Boot ROM version 13.1
1B
Initial device revision with Boot ROM version 13.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com