Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC802 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC802
Description  32-bit ARM Cortex-M0 microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC802 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC802 Datasheet HTML 1Page - NXP Semiconductors LPC802 Datasheet HTML 2Page - NXP Semiconductors LPC802 Datasheet HTML 3Page - NXP Semiconductors LPC802 Datasheet HTML 4Page - NXP Semiconductors LPC802 Datasheet HTML 5Page - NXP Semiconductors LPC802 Datasheet HTML 6Page - NXP Semiconductors LPC802 Datasheet HTML 7Page - NXP Semiconductors LPC802 Datasheet HTML 8Page - NXP Semiconductors LPC802 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
1. General description
The LPC802 are an ARM Cortex-M0+ based, low-cost 32-bit MCU family operating at
CPU frequencies of up to 15 MHz. The LPC802 supports 16 KB of flash memory and
2 KB of SRAM.
The peripheral complement of the LPC802 includes one I2C-bus interface, up to two
USARTs, one SPI interface, one multi-rate timer, self-wake-up timer, one general purpose
32-bit counter/timer, one 12-bit ADC, one analog comparator, function-configurable I/O
ports through a switch matrix, and up to 17 general-purpose I/O pins.
For additional documentation related to the LPC802 parts, see Section 19.
2. Features and benefits
System:
ARM Cortex-M0+ processor (revision r0p1), running at frequencies of up to
15 MHz with single-cycle multiplier and fast single-cycle I/O port.
ARM Cortex-M0+ built-in Nested Vectored Interrupt Controller (NVIC).
System tick timer.
AHB multilayer matrix.
Serial Wire Debug (SWD) with four break points and two watch points. JTAG
boundary scan (BSDL) supported.
Memory:
16 KB on-chip EEPROM based flash programming memory.
Code Read Protection (CRP).
2 KB SRAM.
Dual I/O power (LPC802M011JDH20):
Independent supplies on each package side permitting level-shifting signals from
one off-chip voltage domain to another and/or interfacing directly to off-chip
peripherals operating at different supply levels.
The switch matrix provides level shifter functionality to allow up to two selected
signals to be routed from user-selected pins in one voltage domain to selected pins
in the alternate domain. This feature can also be used on a single supply device if
voltage level shifting is not required.
ROM API support:
Boot loader.
Supports Flash In-Application Programming (IAP).
Supports In-System Programming (ISP) through USART.
LPC802
32-bit ARM Cortex-M0+ microcontroller; up to 16 KB flash and
2 KB SRAM; 12-bit ADC; Comparator;
Rev. 1.6 — 27 April 2018
Product data sheet


Similar Part No. - LPC802

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC800 NXP-LPC800 Datasheet
5Mb / 24P
NXP LPC microcontrollers
November 2012
LPC804 NXP-LPC804 Datasheet
2Mb / 81P
32-bit Arm짰 Cortex짰-M0 microcontroller
Rev. 1.3-23 March 2018
LPC804 NXP-LPC804 Datasheet
3Mb / 89P
32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
Rev.2.0-21 September2021
LPC804 NXP-LPC804 Datasheet
1Mb / 89P
32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
Rev. 2.1 - 25 July 2023
LPC804M101JDH20 NXP-LPC804M101JDH20 Datasheet
3Mb / 89P
32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
Rev.2.0-21 September2021
More results

Similar Description - LPC802

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
32-Bit ARM Cortex-M0 Microcontroller
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
32-bit ARM Cortex-M0 microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com