Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC802 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # LPC802
Description  32-bit ARM Cortex-M0 microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC802 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button LPC802 Datasheet HTML 75Page - NXP Semiconductors LPC802 Datasheet HTML 76Page - NXP Semiconductors LPC802 Datasheet HTML 77Page - NXP Semiconductors LPC802 Datasheet HTML 78Page - NXP Semiconductors LPC802 Datasheet HTML 79Page - NXP Semiconductors LPC802 Datasheet HTML 80Page - NXP Semiconductors LPC802 Datasheet HTML 81Page - NXP Semiconductors LPC802 Datasheet HTML 82Page - NXP Semiconductors LPC802 Datasheet HTML 83Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 79 / 83 page
background image
LPC802
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.6 — 27 April 2018
79 of 83
NXP Semiconductors
LPC802
32-bit ARM Cortex-M0+ microcontroller
20. Revision history
Table 34.
Revision history
Document ID
Release date
Data sheet status
Change notice Supersedes
LPC802 v.1.6
20180427
Product data sheet
-
LPC802 v.1.5
Modifications:
Added LPC802UK part.
Added text to Section 9.22.4.4 “Deep power-down mode”: Five general-purpose
registers are available to store information during deep power-down mode.
Updated Section 9.22.1 “Internal oscillators”. Changed heading title.
Updated Section 15.2 “Connecting power, clocks, and debug functions”: removed text:
connect the external crystal.
LPC802 v.1.5
20180312
Product data sheet
-
LPC802 v.1.4
Modifications:
Updated Table 3 “Device revision table”.
LPC802 v.1.4
20180227
Product data sheet
-
LPC802 v.1.3
Modifications:
Added Figure 38 “Package outline WLCSP16 (1.86 ´1.86 ´ 0.3 mm)”.
Added Figure 42 “Reflow soldering for the WLCSP16 (4x4) package (1 of 3)”, Figure
43 “Reflow soldering for the WLCSP16 (4x4) package (2 of 3)”, and Figure 44 “Reflow
soldering for the WLCSP16 (4x4) package (3 of 3)”.
Updated title of Section 13.1 “Flash memory (EEPROM based)”.
Updated Table 12 “Static characteristics, supply pins”: Added condition: system clock
= 1 MHz, VDD = 3.3 V.
Updated Table 16 “Dynamic characteristic: FRO”: Max values: FRO clock frequency;
Condition:
20 C  Tamb  70 C and FRO clock frequency; Condition: 40 C  Tamb
 105 C.
LPC802 v.1.3
20180209
Product data sheet
-
LPC802 v.1.2
Modifications:
Updated Section 2 “Features and benefits”.
Updated Table 5 “Movable functions (assign to pins PIO0_0 to PIO0_5, PIO0_7 to
PIO0_17 through switch matrix)”.
Added level shifter functionality to Section 9.8 “I/O configuration”.
Updated Table 16 “Dynamic characteristic: FRO”: Changed frequencies to 9 MHz, 12
MHz, and 15 MHz. Added Condition:
20 C  Tamb  70 C and Condition: 40 C 
Tamb  70 C.
LPC802 v.1.2
20171222
Product data sheet
-
LPC802 v.1.1
Modifications:
Updated Figure 4 “LPC802 block diagram”.
Updated Figure 12 “LPC802 clock generation”.
Updated Table 7 “Peripheral configuration in reduced power modes”: In deep-sleep
mode flash is on standby.
LPC802 v.1.1
20171222
Product data sheet
-
LPC802 v.1
Modifications:
Updated Figure 21 “High-drive output: Typical HIGH-level output voltage VOH versus
HIGH-level output current IOH” at 1.8 V.
LPC802 v.1
20171218
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com