Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC802 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC802
Description  32-bit ARM Cortex-M0 microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC802 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC802 Datasheet HTML 28Page - NXP Semiconductors LPC802 Datasheet HTML 29Page - NXP Semiconductors LPC802 Datasheet HTML 30Page - NXP Semiconductors LPC802 Datasheet HTML 31Page - NXP Semiconductors LPC802 Datasheet HTML 32Page - NXP Semiconductors LPC802 Datasheet HTML 33Page - NXP Semiconductors LPC802 Datasheet HTML 34Page - NXP Semiconductors LPC802 Datasheet HTML 35Page - NXP Semiconductors LPC802 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 83 page
background image
LPC802
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.6 — 27 April 2018
32 of 83
NXP Semiconductors
LPC802
32-bit ARM Cortex-M0+ microcontroller
Power-down mode reduces power consumption compared to deep-sleep mode at the
expense of longer wake-up times.
9.22.4.4 Deep power-down mode
In deep power-down mode, power is shut off to the entire chip except for the WAKEUP
pins. The LPC802 can wake up from deep power-down mode via eight WAKEUP pins.
See Section 9.18. Five general-purpose registers are available to store information during
deep power-down mode.
The LPC802 can be prevented from entering deep power-down mode by setting a lock bit
in the PMU block. Locking out deep power-down mode enables the application to keep
the watchdog timer or the BOD running at all times.
When entering deep power-down mode, an external pull-up resistor is required on the
WAKEUP pins to hold it HIGH.
Table 7.
Peripheral configuration in reduced power modes
Peripheral
Sleep mode
Deep-sleep mode
Power-down mode
Deep power-down
mode
FRO
software configurable
on
off
off
FRO output
software configurable
off
off
off
Flash
software configurable
standby
off
off
BOD
software configurable
software configurable
software configurable off
LPOsc/WWDT
software configurable
software configurable
software configurable off
Digital peripherals software configurable
off
off
off
Wake-up buffers
software configurable (cannot
be used as wake-up source)
software configurable
(cannot be used as
wake-up source)
software configurable
(cannot be used as
wake-up source)
software configurable
ADC
software configurable
off
off
off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com