Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC802 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LPC802
Description  32-bit ARM Cortex-M0 microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC802 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LPC802 Datasheet HTML 60Page - NXP Semiconductors LPC802 Datasheet HTML 61Page - NXP Semiconductors LPC802 Datasheet HTML 62Page - NXP Semiconductors LPC802 Datasheet HTML 63Page - NXP Semiconductors LPC802 Datasheet HTML 64Page - NXP Semiconductors LPC802 Datasheet HTML 65Page - NXP Semiconductors LPC802 Datasheet HTML 66Page - NXP Semiconductors LPC802 Datasheet HTML 67Page - NXP Semiconductors LPC802 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 83 page
background image
LPC802
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.6 — 27 April 2018
64 of 83
NXP Semiconductors
LPC802
32-bit ARM Cortex-M0+ microcontroller
15. Application information
15.1 Start-up behavior
Figure 33 shows the start-up timing after reset. The FRO 12 MHz oscillator provides the
default clock at Reset and provides a clean system clock shortly after the supply pins
reach operating voltage.
15.2 Connecting power, clocks, and debug functions
Figure 34 shows the basic board connections used to power the LPC802 and provide
debug capabilities via the serial wire port.
Fig 33. Start-up timing
Table 30.
Typical start-up timing parameters
Parameter
Description
Value
ta
FRO start time
 26 s
tb
Internal reset de-asserted
101
s
tc
Boot time
36
s
aaa-028455
valid threshold
= 1.71 V
processor status
VDD
FRO status
internal reset
GND
boot time
user code
boot code
execution
finishes;
user code starts
FRO
starts
supply ramp-up
time
tb μs
ta μs
tc μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com