Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC802 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # LPC802
Description  32-bit ARM Cortex-M0 microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC802 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button LPC802 Datasheet HTML 41Page - NXP Semiconductors LPC802 Datasheet HTML 42Page - NXP Semiconductors LPC802 Datasheet HTML 43Page - NXP Semiconductors LPC802 Datasheet HTML 44Page - NXP Semiconductors LPC802 Datasheet HTML 45Page - NXP Semiconductors LPC802 Datasheet HTML 46Page - NXP Semiconductors LPC802 Datasheet HTML 47Page - NXP Semiconductors LPC802 Datasheet HTML 48Page - NXP Semiconductors LPC802 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 83 page
background image
LPC802
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.6 — 27 April 2018
45 of 83
NXP Semiconductors
LPC802
32-bit ARM Cortex-M0+ microcontroller
12.3 Pin characteristics
Table 14.
Static characteristics, electrical pin characteristics
Tamb = 40 C to +105 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Standard port pins configured as digital pins, RESET
IIL
LOW-level input current VI = 0 V; on-chip pull-up resistor
disabled
-0.5
10[2]
nA
IIH
HIGH-level input
current
VI =VDD; on-chip pull-down resistor
disabled
-0.5
10[2]
nA
IOZ
OFF-state output
current
VO =0V; VO =VDD; on-chip
pull-up/down resistors disabled
-0.5
10[2]
nA
VI
input voltage
VDD  1.71 V; 5 V tolerant pins
except PIO0_7
0-
5.4
V
VDD = 0 V
0
-
3.6
V
VO
output voltage
output active
0
-
VDD
V
VIH
HIGH-level input
voltage
0.7VDD
--
V
VIL
LOW-level input voltage
-
-
0.3VDD V
Vhys
hysteresis voltage
-
0.4
-
V
VOH
HIGH-level output
voltage
IOH = 4 mA; 2.5 V <= VDD <= 3.6 V
VDD  0.4 -
-
V
IOH = 3 mA; 1.71 V <= VDD < 2.5 V
VDD  0.5 -
-
V
VOL
LOW-level output
voltage
IOL = 4 mA; 2.5 V <= VDD <= 3.6 V
-
-
0.5
V
IOL = 3 mA; 1.71 V <= VDD < 2.5 V
-
-
0.5
V
IOH
HIGH-level output
current
VOH =VDD  0.4 V;
2.5 V
 VDD  3.6 V
4-
-
mA
VOH =VDD  0.5 V;
1.71 V
 VDD  2.5 V
3-
-
mA
IOL
LOW-level output
current
VOL =0.5 V
2.5 V
 VDD  3.6 V
4-
-
mA
1.71 V
 VDD < 2.5 V
3
-
-
mA
IOHS
HIGH-level short-circuit
output current
VOH =0V
[3] --
45
mA
IOLS
LOW-level short-circuit
output current
VOL =VDD
[3] --
50
mA
Ipd
pull-down current
VI =5V
[4] 10
50
150
A
Ipu
pull-up current
VI =0V;
2.0 V
 VDD  3.6 V
[4]
10
50
90
A
1.71 V
 VDD < 2.0 V
7
50
85
A
VDD <VI <5V
0
0
0
A
High-drive output pin configured as digital pin (PIO0_2, PIO0_3, and PIO0_12)
IIL
LOW-level input current VI = 0 V; on-chip pull-up resistor
disabled
-0.5
10[2]
nA
IIH
HIGH-level input
current
VI =VDD; on-chip pull-down resistor
disabled
-0.5
10[2]
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com