Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC802 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # LPC802
Description  32-bit ARM Cortex-M0 microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC802 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button LPC802 Datasheet HTML 36Page - NXP Semiconductors LPC802 Datasheet HTML 37Page - NXP Semiconductors LPC802 Datasheet HTML 38Page - NXP Semiconductors LPC802 Datasheet HTML 39Page - NXP Semiconductors LPC802 Datasheet HTML 40Page - NXP Semiconductors LPC802 Datasheet HTML 41Page - NXP Semiconductors LPC802 Datasheet HTML 42Page - NXP Semiconductors LPC802 Datasheet HTML 43Page - NXP Semiconductors LPC802 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 83 page
background image
LPC802
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.6 — 27 April 2018
40 of 83
NXP Semiconductors
LPC802
32-bit ARM Cortex-M0+ microcontroller
12. Static characteristics
12.1 General operating conditions
[1]
Typical ratings are not guaranteed. The values listed are for room temperature (25
C), nominal supply voltages.
[2]
Including bonding pad capacitance. Based on simulation, not tested in production.
12.2 Power consumption
Power measurements in active, sleep, deep-sleep, and power-down modes were
performed under the following conditions:
Configure all pins as GPIO with pull-up resistor disabled in the IOCON block.
Configure GPIO pins as outputs using the GPIO DIR register.
Write 1 to the GPIO CLR register to drive the outputs LOW.
Table 11.
General operating conditions
Tamb = 40 C to +105 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
fclk
clock frequency
internal CPU/system clock
-
-
15
MHz
VDD
supply voltage (core
and external rail)
1.71
-
3.6
V
For ADC operations
2.5
-
3.6
V
VDDIO
I/O rail
1.71
-
3.6
V
For ADC operations
2.5
-
3.6
V
Vref
ADC positive reference
voltage
on pin VREFP
2.5
-
VDD
V
Pin capacitance
Cio
input/output
capacitance
pins with analog and digital
functions
[2] --
7.1
pF
pins with digital functions only
[2] --
2.8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com