Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC802 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # LPC802
Description  32-bit ARM Cortex-M0 microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC802 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button LPC802 Datasheet HTML 61Page - NXP Semiconductors LPC802 Datasheet HTML 62Page - NXP Semiconductors LPC802 Datasheet HTML 63Page - NXP Semiconductors LPC802 Datasheet HTML 64Page - NXP Semiconductors LPC802 Datasheet HTML 65Page - NXP Semiconductors LPC802 Datasheet HTML 66Page - NXP Semiconductors LPC802 Datasheet HTML 67Page - NXP Semiconductors LPC802 Datasheet HTML 68Page - NXP Semiconductors LPC802 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 83 page
background image
LPC802
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.6 — 27 April 2018
65 of 83
NXP Semiconductors
LPC802
32-bit ARM Cortex-M0+ microcontroller
(1) Position the decoupling capacitors of 0.1 μF and 0.01 μF as close as possible to the VDD pin. Add one set of decoupling
capacitors to each VDD pin.
(2) Position the decoupling capacitors of 0.1 μF as close as possible to the VREFN and VDD pins. The 10 μF bypass capacitor
filters the power line. Tie VREFP to VDD if the ADC is not used. Tie VREFN to VSS if ADC is not used.
(3) Uses the ARM 10-pin interface for SWD.
(4) When measuring signals of low frequency, use a low-pass filter to remove noise and to improve ADC performance. Also see
Ref. 4.
(5) External pull-up resistors on SWDIO and SWCLK pins are optional because these pins have an internal pull-up enabled by
default.
Fig 34. Power, clock, and debug connections
PIO0_12
ADC_0
VDD
VREFP
PIO0_7/ADC_1/ACMPVREF
LPC802
3.3 V
(4) (ADC_1),
(2) (ACMPVREF)
GND
(1)
(4)
(2)
0.01 μF
0.1 μF
3.3 V
GND
GND
10 μF
0.1 μF
0.1 μF
ISP select pin
aaa-026823
SWDIO/PIO0_2
SWCLK/PIO0_3
RESETN/PIO0_5
VSS
3.3 V
GND
GND
1
3
5
7
9
2
4
6
8
10
n.c.
n.c.
n.c.
SWD connector
(5)
(4)
(5)
3.3 V
~10 kΩ - 100 kΩ
~10 kΩ - 100 kΩ
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com